Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1E5 Datasheet (PDF) - Leshan Radio Company

1E5 Datasheet PDF - Leshan Radio Company
Part # 1E5_15
Download  1E5 Download
File Size   219.93 Kbytes
Page   7 Pages
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company
Description Reverse Voltage 50 to 600V Forward Current 1.0A

1E5 Datasheet (PDF)

Go To PDF Page Download Datasheet
1E5 Datasheet PDF - Leshan Radio Company

Part # 1E5_15
Download  1E5 Click to download

File Size   219.93 Kbytes
Page   7 Pages
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company
Description Reverse Voltage 50 to 600V Forward Current 1.0A

1E5 Datasheet (HTML) - Leshan Radio Company




Similar Part No. - 1E5_15

ManufacturerPart #DatasheetDescription
logo
Altech corporation
1E50UM ALTECH-1E50UM Datasheet
661Kb / 2P
V-EA-Series - UL508 Manual Motor Controller
logo
ATMEL Corporation
1E5508 ATMEL-1E5508 Datasheet
93Kb / 11P
125째C DYNAMIC OPERATING LIFE TEST
logo
Leshan Radio Company
1E5G LRC-1E5G Datasheet
368Kb / 7P
Glass Passivated Junction Super Fast Recitifiers Reverse Voltage 50 to 600V Forward Current 1.0A
logo
Diode Semiconductor Kor...
1E5G DSK-1E5G Datasheet
112Kb / 2P
ULTRA FAST RECTIFIERS
logo
DIYI Electronic Technol...
1E5G DYELEC-1E5G Datasheet
759Kb / 2P
1.0 AMP. G l a s s Super Fast Rectifiers
More results


Similar Description - 1E5_15

ManufacturerPart #DatasheetDescription
logo
Rugao Dachang Electroni...
1N4933 DACHANG-1N4933 Datasheet
119Kb / 2P
Plastic Fast Recover Rectifier Reverse Voltage 50 to 600V Forward Current 1.0A
1N4933G DACHANG-1N4933G Datasheet
120Kb / 2P
Plastic Fast Recover Rectifier Reverse Voltage 50 to 600V Forward Current 1.0A
ER100 DACHANG-ER100 Datasheet
121Kb / 2P
Plastic Ultra-Fast Recover Rectifier Reverse Voltage 50 to 600V Forward Current 1.0A
SF11 DACHANG-SF11 Datasheet
120Kb / 2P
Plastic High-Efficiency Rectifiers Reverse Voltage 50 to 600V Forward Current 1.0A
logo
Leshan Radio Company
1E1 LRC-1E1 Datasheet
219Kb / 7P
Fast Recovery ectifiers Reverse Voltage 50 to 600V Forward Current 1.0A
SF11 LRC-SF11_14 Datasheet
223Kb / 7P
Super Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 1.0A
UF4001 LRC-UF4001_14 Datasheet
289Kb / 7P
Ultrafast Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
1H8 LRC-1H8_15 Datasheet
257Kb / 7P
Reverse Voltage 50 to 1000V Forward Current 1.0A
UF4007 LRC-UF4007_15 Datasheet
289Kb / 7P
Reverse Voltage 50 to 1000V Forward Current 1.0A
1N4937S LRC-1N4937S Datasheet
238Kb / 8P
Fast Switching Rectifiers Reverse Voltage 50 to 600V Forward Current 1.0A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com