Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL-M40C571 Datasheet (PDF) - BetLux Electronics

BL-M40C571 Datasheet PDF - BetLux Electronics
Part # BL-M40C571
Download  BL-M40C571 Download
File Size   369.17 Kbytes
Page   5 Pages
Manufacturer  BETLUX [BetLux Electronics]
Direct Link  http://www.betlux.com
Logo BETLUX - BetLux Electronics
Description 106.50mm (4.0) :u10.0 dot matrix LED display

BL-M40C571 Datasheet (PDF)

Go To PDF Page Download Datasheet
BL-M40C571 Datasheet PDF - BetLux Electronics

Part # BL-M40C571
Download  BL-M40C571 Click to download

File Size   369.17 Kbytes
Page   5 Pages
Manufacturer  BETLUX [BetLux Electronics]
Direct Link  http://www.betlux.com
Logo BETLUX - BetLux Electronics
Description 106.50mm (4.0) :u10.0 dot matrix LED display

BL-M40C571 Datasheet (HTML) - BetLux Electronics




Similar Part No. - BL-M40C571

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-M40C571B BETLUX-BL-M40C571B Datasheet
82Kb / 4P
LED DOT MATRIX
REV NO: V.2
BL-M40C571D BETLUX-BL-M40C571D Datasheet
82Kb / 4P
LED DOT MATRIX
REV NO: V.2
BL-M40C571E BETLUX-BL-M40C571E Datasheet
82Kb / 4P
LED DOT MATRIX
REV NO: V.2
BL-M40C571G BETLUX-BL-M40C571G Datasheet
82Kb / 4P
LED DOT MATRIX
REV NO: V.2
BL-M40C571PG BETLUX-BL-M40C571PG Datasheet
82Kb / 4P
LED DOT MATRIX
REV NO: V.2
More results


Similar Description - BL-M40C571

ManufacturerPart #DatasheetDescription
logo
Unity Opto Technology
UVP-4X57XX UOT-UVP-4X57XX Datasheet
98Kb / 5P
4.0 inch ( 101.6mm ) 5X7 DOT MATRIX LED DISPLAY
logo
List of Unclassifed Man...
BM-20288MD ETC-BM-20288MD Datasheet
198Kb / 1P
LED DOT MATRIX DISPLAY
BM-20EG57MD ETC-BM-20EG57MD Datasheet
169Kb / 1P
LED DOT MATRIX DISPLAY
logo
Yellow Stone Corp
BM-10288 YSTONE-BM-10288 Datasheet
188Kb / 1P
LED DOT MATRIX DISPLAY
logo
BRIGHT LED ELECTRONICS ...
BM-20EG88ND BRIGHT-BM-20EG88ND Datasheet
182Kb / 3P
LED DOT MATRIX DISPLAY
logo
Ningbo Foryard Optoelec...
FYM-40571AX-00 FORYARD-FYM-40571AX-00 Datasheet
449Kb / 5P
4.0 inch (106.50mm) Matrix height, Dot Matrix Display
FYM-40571AXX-00 FORYARD-FYM-40571AXX-00 Datasheet
494Kb / 5P
4.0 inch (106.50mm) Matrix height, Dot Matrix Display
FYM-40571CX-00 FORYARD-FYM-40571CX-00 Datasheet
494Kb / 5P
4.0 inch (106.50mm) Matrix height, Dot Matrix Display
logo
BetLux Electronics
BL-M40A571 BETLUX-BL-M40A571 Datasheet
352Kb / 5P
106.50mm (4.0) :u10.0 dot matrix LED display
REV NO: V.2
BL-M46A581 BETLUX-BL-M46A581 Datasheet
359Kb / 5P
121.50mm (4.6) :u10.0 dot matrix LED display
REV NO: V.2
More results




About BetLux Electronics


BetLux Electronics is a Taiwanese-based company that specializes in the design and manufacture of LED products. The company was founded in 2005 and has since grown to become a leading supplier of LED components and lighting solutions.

BetLux Electronics offers a wide range of LED products, including through-hole LEDs, surface-mount LEDs, display LEDs, and high-power LEDs. The company's products are used in a variety of applications, such as automotive lighting, signage, backlighting, and general illumination.

One of the key strengths of BetLux Electronics is its commitment to innovation and quality. The company invests heavily in research and development to ensure that its products are at the forefront of LED technology. BetLux Electronics also has a strong focus on quality control, with all products undergoing rigorous testing to ensure that they meet the highest standards.

BetLux Electronics has a global network of distributors and partners, which allows it to provide excellent service and support to customers around the world. Overall, BetLux Electronics is a well-respected and established company that offers high-quality LED products and solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com