Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL-L532 Datasheet (PDF) - BetLux Electronics

BL-L532 Datasheet PDF - BetLux Electronics
Part # BL-L532
Download  BL-L532 Download
File Size   231.35 Kbytes
Page   4 Pages
Manufacturer  BETLUX [BetLux Electronics]
Direct Link  http://www.betlux.com
Logo BETLUX - BetLux Electronics
Description 5mm Cylindrical, Inverted Cone LED lamp

BL-L532 Datasheet (PDF)

Go To PDF Page Download Datasheet
BL-L532 Datasheet PDF - BetLux Electronics

Part # BL-L532
Download  BL-L532 Click to download

File Size   231.35 Kbytes
Page   4 Pages
Manufacturer  BETLUX [BetLux Electronics]
Direct Link  http://www.betlux.com
Logo BETLUX - BetLux Electronics
Description 5mm Cylindrical, Inverted Cone LED lamp

BL-L532 Datasheet (HTML) - BetLux Electronics




Similar Part No. - BL-L532

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-L532BC BETLUX-BL-L532BC Datasheet
71Kb / 3P
Cylindrical, Inverted Cone LED lamp
REV NO: V.2
BL-L532BGC BETLUX-BL-L532BGC Datasheet
71Kb / 3P
Cylindrical, Inverted Cone LED lamp
REV NO: V.2
BL-L532LRC BETLUX-BL-L532LRC Datasheet
71Kb / 3P
Cylindrical, Inverted Cone LED lamp
REV NO: V.2
BL-L532PGC BETLUX-BL-L532PGC Datasheet
71Kb / 3P
Cylindrical, Inverted Cone LED lamp
REV NO: V.2
BL-L532SRC BETLUX-BL-L532SRC Datasheet
71Kb / 3P
Cylindrical, Inverted Cone LED lamp
REV NO: V.2
More results


Similar Description - BL-L532

ManufacturerPart #DatasheetDescription
logo
Lucky Light Electronic
GB-473 LUCKY-LIGHT-GB-473 Datasheet
42Kb / 1P
Cylindrical Type Inverted Cone LED Lamps (4.7mm)
GB-483 LUCKY-LIGHT-GB-483 Datasheet
42Kb / 1P
Cylindrical Type Inverted Cone LED Lamps (3mm)
logo
BetLux Electronics
BL-L333SRC BETLUX-BL-L333SRC Datasheet
72Kb / 3P
Cylindrical, Inverted Cone LED lamp
REV NO: V.2
BL-L334SRC BETLUX-BL-L334SRC Datasheet
72Kb / 3P
Cylindrical, Inverted Cone LED lamp
REV NO: V.2
BL-L532SRC BETLUX-BL-L532SRC Datasheet
71Kb / 3P
Cylindrical, Inverted Cone LED lamp
REV NO: V.2
BL-FL7644 BETLUX-BL-FL7644 Datasheet
365Kb / 4P
7.62*7.62*4.0MM, 4MM Cylindrical, Inverted Cone SUPER FLUX LED LAMP
REV NO: V.2
BL-L333 BETLUX-BL-L333 Datasheet
231Kb / 4P
3.0mm Cylindrical, Inverted Cone LED lamp
REV NO: V.2
BL-L334 BETLUX-BL-L334 Datasheet
231Kb / 4P
3.0mm Cylindrical, Inverted Cone LED lamp
REV NO: V.2
BL-L542 BETLUX-BL-L542 Datasheet
237Kb / 4P
5mm Cylindrical LED lamp, FLAT TOP
REV NO: V.2
logo
LightKey Optoelectronic...
LLC520UYC-B90 LIGHTKEY-LLC520UYC-B90 Datasheet
76Kb / 2P
5mm Cylindrical Yellow LED Lamp
More results




About BetLux Electronics


BetLux Electronics is a Taiwanese-based company that specializes in the design and manufacture of LED products. The company was founded in 2005 and has since grown to become a leading supplier of LED components and lighting solutions.

BetLux Electronics offers a wide range of LED products, including through-hole LEDs, surface-mount LEDs, display LEDs, and high-power LEDs. The company's products are used in a variety of applications, such as automotive lighting, signage, backlighting, and general illumination.

One of the key strengths of BetLux Electronics is its commitment to innovation and quality. The company invests heavily in research and development to ensure that its products are at the forefront of LED technology. BetLux Electronics also has a strong focus on quality control, with all products undergoing rigorous testing to ensure that they meet the highest standards.

BetLux Electronics has a global network of distributors and partners, which allows it to provide excellent service and support to customers around the world. Overall, BetLux Electronics is a well-respected and established company that offers high-quality LED products and solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com