Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL-L563 Datasheet (PDF) - BetLux Electronics

BL-L563 Datasheet PDF - BetLux Electronics
Part # BL-L563
Download  BL-L563 Download
File Size   229.45 Kbytes
Page   4 Pages
Manufacturer  BETLUX [BetLux Electronics]
Direct Link  http://www.betlux.com
Logo BETLUX - BetLux Electronics
Description 5mm Oval Type (5.0*4.1*7.1mm) LED Lamps

BL-L563 Datasheet (PDF)

Go To PDF Page Download Datasheet
BL-L563 Datasheet PDF - BetLux Electronics

Part # BL-L563
Download  BL-L563 Click to download

File Size   229.45 Kbytes
Page   4 Pages
Manufacturer  BETLUX [BetLux Electronics]
Direct Link  http://www.betlux.com
Logo BETLUX - BetLux Electronics
Description 5mm Oval Type (5.0*4.1*7.1mm) LED Lamps

BL-L563 Datasheet (HTML) - BetLux Electronics




Similar Part No. - BL-L563

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-L563BC BETLUX-BL-L563BC Datasheet
73Kb / 3P
Ovel Type LED lamp
REV NO: V.3
BL-L563BGC BETLUX-BL-L563BGC Datasheet
73Kb / 3P
Ovel Type LED lamp
REV NO: V.3
BL-L563PGC BETLUX-BL-L563PGC Datasheet
73Kb / 3P
Ovel Type LED lamp
REV NO: V.3
BL-L563UBC BETLUX-BL-L563UBC Datasheet
73Kb / 3P
Ovel Type LED lamp
REV NO: V.3
BL-L563UEC BETLUX-BL-L563UEC Datasheet
73Kb / 3P
Ovel Type LED lamp
REV NO: V.3
More results


Similar Description - BL-L563

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
573SURD EVERLIGHT-573SURD Datasheet
107Kb / 6P
2.4*7.1mm Rectangular Type LED Lamps
573SYGD EVERLIGHT-573SYGD Datasheet
184Kb / 6P
2.4*7.1mm Rectangular Type LED Lamps
573UYD EVERLIGHT-573UYD Datasheet
94Kb / 6P
2.4*7.1mm Rectangular Type LED Lamps
573SURDS530-A3 EVERLIGHT-573SURDS530-A3 Datasheet
93Kb / 6P
2.4*7.1mm Rectangular Type LED Lamps
573SURD-S530-A3 EVERLIGHT-573SURD-S530-A3 Datasheet
185Kb / 7P
2.4*7.1MM RECTANGULAR TYPE LED LAMPS
573SYGD-S530-E2 EVERLIGHT-573SYGD-S530-E2 Datasheet
189Kb / 6P
2.4*7.1mm Rectangular Type LED Lamps
logo
BetLux Electronics
BL-L555 BETLUX-BL-L555 Datasheet
230Kb / 4P
5mm Oval Type (5.1*4.3*7.1mm) LED Lamps
REV NO: V.2
BL-L557 BETLUX-BL-L557 Datasheet
230Kb / 4P
5mm Oval Type (5.0*4.1*7.1mm) LED Lamps
REV NO: V.2
logo
Everlight Electronics C...
573SURD-S530-A3 EVERLIGHT-573SURD-S530-A3_15 Datasheet
185Kb / 7P
2.4*7.1mm Rectangular Type LED Lamps
573SYGD-S530-E2 EVERLIGHT-573SYGD-S530-E2_15 Datasheet
189Kb / 6P
2.4*7.1mm Rectangular Type LED Lamps
More results




About BetLux Electronics


BetLux Electronics is a Taiwanese-based company that specializes in the design and manufacture of LED products. The company was founded in 2005 and has since grown to become a leading supplier of LED components and lighting solutions.

BetLux Electronics offers a wide range of LED products, including through-hole LEDs, surface-mount LEDs, display LEDs, and high-power LEDs. The company's products are used in a variety of applications, such as automotive lighting, signage, backlighting, and general illumination.

One of the key strengths of BetLux Electronics is its commitment to innovation and quality. The company invests heavily in research and development to ensure that its products are at the forefront of LED technology. BetLux Electronics also has a strong focus on quality control, with all products undergoing rigorous testing to ensure that they meet the highest standards.

BetLux Electronics has a global network of distributors and partners, which allows it to provide excellent service and support to customers around the world. Overall, BetLux Electronics is a well-respected and established company that offers high-quality LED products and solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com