Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EGP30MH Datasheet (PDF) - Zowie Technology Corporation

EGP30MH Datasheet PDF - Zowie Technology Corporation
Part # EGP30MH
Download  EGP30MH Download
File Size   213.58 Kbytes
Page   2 Pages
Manufacturer  ZOWIE [Zowie Technology Corporation]
Direct Link  http://www.zowie.com.tw
Logo ZOWIE - Zowie Technology Corporation
Description SINTERED GLASS PASSIVATED JUNCTION HIGH EFFICIENT RECTIFIER

EGP30MH Datasheet (PDF)

Go To PDF Page Download Datasheet
EGP30MH Datasheet PDF - Zowie Technology Corporation

Part # EGP30MH
Download  EGP30MH Click to download

File Size   213.58 Kbytes
Page   2 Pages
Manufacturer  ZOWIE [Zowie Technology Corporation]
Direct Link  http://www.zowie.com.tw
Logo ZOWIE - Zowie Technology Corporation
Description SINTERED GLASS PASSIVATED JUNCTION HIGH EFFICIENT RECTIFIER

EGP30MH Datasheet (HTML) - Zowie Technology Corporation


EGP30MH Product details

Reverse Voltage - 50 to 1000 Volts Forward Current - 3.0 Amperes

FEATURES
* Halogen-free type
* Compliance to RoHS product
* GPRC (Glass Passivated Rectifier Chip) inside
* Glass passivated cavity-free junction
* Superfast recovery time for high efficiency
* Low forward voltage, high current capability
* High surge current capability
* High temperature soldering guaranteed: 260°C/10 seconds,
   0.375" (9.5mm) lead length, 5lbs. (2.3 kg) tension
* Plastic package has Underwriters Laboratory Flammability
   Classification 94V-0




Similar Part No. - EGP30MH

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
EGP30M ZOWIE-EGP30M Datasheet
63Kb / 2P
SINTERED GLASS PASSIVATED JUNCTION HIGH EFFICIENT RECTIFIER
logo
Jinan Jingheng (Group) ...
EGP30M JINANJINGHENG-EGP30M Datasheet
89Kb / 2P
SUPER FAST RECTIFIER
logo
Leshan Radio Company
EGP30M LRC-EGP30M Datasheet
195Kb / 7P
Plastic package has Underwriters Laboratory Flammability Classification 94V-0
logo
Zibo Seno Electronic En...
EGP30M ZSELEC-EGP30M Datasheet
90Kb / 2P
3.0A GLASSPASSIVATED ULTRAFAST DIODE
logo
Leshan Radio Company
EGP30M LRC-EGP30M_15 Datasheet
195Kb / 7P
Glass Passivated Junction High Efficiency Rectifiers
More results


Similar Description - EGP30MH

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
EGP10A ZOWIE-EGP10A Datasheet
61Kb / 2P
SINTERED GLASS PASSIVATED JUNCTION HIGH EFFICIENT RECTIFIER
EGP15A ZOWIE-EGP15A Datasheet
62Kb / 2P
SINTERED GLASS PASSIVATED JUNCTION HIGH EFFICIENT RECTIFIER
EGP20A ZOWIE-EGP20A Datasheet
62Kb / 2P
SINTERED GLASS PASSIVATED JUNCTION HIGH EFFICIENT RECTIFIER
EGP30A ZOWIE-EGP30A Datasheet
63Kb / 2P
SINTERED GLASS PASSIVATED JUNCTION HIGH EFFICIENT RECTIFIER
UGP10A ZOWIE-UGP10A Datasheet
61Kb / 2P
SINTERED GLASS PASSIVATED JUNCTION ULTRAFAST EFFICIENT RECTIFIER
EGP10AH ZOWIE-EGP10AH Datasheet
170Kb / 2P
SINTERED GLASS PASSIVATED JUNCTION HIGH EFFICIENT RECTIFIER
EGP20AH ZOWIE-EGP20AH Datasheet
60Kb / 2P
SINTERED GLASS PASSIVATED JUNCTION HIGH EFFICIENT RECTIFIER
EGP50D ZOWIE-EGP50D Datasheet
56Kb / 2P
SINTERED GLASS PASSIVATED JUNCTION HIGH EFFICIENT RECTIFIER
EGP50DH ZOWIE-EGP50DH Datasheet
56Kb / 2P
SINTERED GLASS PASSIVATED JUNCTION HIGH EFFICIENT RECTIFIER
logo
New Jersey Semi-Conduct...
EGP10A NJSEMI-EGP10A Datasheet
173Kb / 2P
SINTERED GLASS PASSIVATED JUNCTION HIGH EFFICIENT RECTIFIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com