Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1032E1111 Datasheet (PDF) - Lattice Semiconductor

1032E1111 Datasheet PDF - Lattice Semiconductor
Part # 1032E1111
Download  1032E1111 Download
File Size   212.88 Kbytes
Page   16 Pages
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor
Description High-Density Programmable Logic

1032E1111 Datasheet (PDF)

Go To PDF Page Download Datasheet
1032E1111 Datasheet PDF - Lattice Semiconductor

Part # 1032E1111
Download  1032E1111 Click to download

File Size   212.88 Kbytes
Page   16 Pages
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor
Description High-Density Programmable Logic

1032E1111 Datasheet (HTML) - Lattice Semiconductor


1032E1111 Product details

Description
The ispLSI and pLSI 1032E are High Density Programmable Logic Devices containing 192 Registers, 64 Universal I/O pins, eight Dedicated Input pins, four Dedicated Clock Input pins and a Global Routing Pool (GRP). The GRP provides complete interconnectivity between all of these elements. The ispLSI 1032E features 5-Volt in-system programmability and in-system diagnostic capabilities. The ispLSI 1032E device offers non-volatile reprogrammability of the logic, as well as the interconnects to provide truly reconfigurable systems. It is architecturally and parametrically compatible to the pLSI 1032E device, but multiplexes four input pins to control in-system programming. A functional superset of the ispLSI and pLSI 1032 architecture, the ispLSI and pLSI 1032E devices add two new global output enable pins.

Features
• HIGH DENSITY PROGRAMMABLE LOGIC
   — 6000 PLD Gates
   — 64 I/O Pins, Eight Dedicated Inputs
   — 192 Registers
   — High Speed Global Interconnect
   — Wide Input Gating for Fast Counters, State Machines, Address Decoders, etc.
   — Small Logic Block Size for Random Logic
• HIGH PERFORMANCE E2CMOS® TECHNOLOGY
   — fmax = 125 MHz Maximum Operating Frequency
   — tpd = 7.5 ns Propagation Delay
   — TTL Compatible Inputs and Outputs
   — Electrically Erasable and Reprogrammable
   — Non-Volatile
   — 100% Tested at Time of Manufacture
   — Unused Product Term Shutdown Saves Power
• ispLSI OFFERS THE FOLLOWING ADDED FEATURES
   — In-System Programmable (ISP™) 5-Volt Only
   — Increased Manufacturing Yields, Reduced Time-toMarket and Improved Product Quality
   — Reprogram Soldered Devices for Faster Prototyping
• OFFERS THE EASE OF USE AND FAST SYSTEM SPEED OF PLDs WITH THE DENSITY AND FLEXIBILITY OF FIELD PROGRAMMABLE GATE ARRAYS
   — Complete Programmable Device Can Combine Glue Logic and Structured Designs
   — Enhanced Pin Locking Capability
   — Four Dedicated Clock Input Pins
   — Synchronous and Asynchronous Clocks
   — Programmable Output Slew Rate Control to Minimize Switching Noise
   — Flexible Pin Placement
   — Optimized Global Routing Pool Provides Global Interconnectivity
• ispEXPERT™ – LOGIC COMPILER AND COMPLETE ISP DEVICE DESIGN SYSTEMS FROM HDL SYNTHESIS THROUGH IN-SYSTEM PROGRAMMING
   — Superior Quality of Results
   — Tightly Integrated with Leading CAE Vendor Tools
   — Productivity Enhancing Timing Analyzer, Explore Tools, Timing Simulator and ispANALYZER™
   — PC and UNIX Platforms




Similar Part No. - 1032E1111

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
1032E LATTICE-1032E Datasheet
164Kb / 16P
In-System Programmable High Density PLD
1032EA LATTICE-1032EA Datasheet
198Kb / 16P
In-System Programmable High Density PLD
More results


Similar Description - 1032E1111

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
MACH210A-7 AMD-MACH210A-7 Datasheet
301Kb / 51P
High-Density EE CMOS Programmable Logic
logo
Lattice Semiconductor
10321111 LATTICE-10321111 Datasheet
256Kb / 19P
High-Density Programmable Logic
3256 LATTICE-3256 Datasheet
1Mb / 18P
High Density Programmable Logic
MACH445-12 LATTICE-MACH445-12 Datasheet
214Kb / 28P
High-Density EE CMOS Programmable Logic
ISP1048E LATTICE-ISP1048E Datasheet
158Kb / 16P
High-Density Programmable Logic
ISP1032E LATTICE-ISP1032E Datasheet
301Kb / 17P
High-Density Programmable Logic
ISPLSI2064V LATTICE-ISPLSI2064V Datasheet
179Kb / 14P
3.3V High Density Programmable Logic
ISPLSI2128V LATTICE-ISPLSI2128V Datasheet
151Kb / 15P
3.3V High Density Programmable Logic
ISP1016E LATTICE-ISP1016E Datasheet
198Kb / 15P
High-Density Programmable Logic
ISPLSI3192 LATTICE-ISPLSI3192 Datasheet
156Kb / 15P
High Density Programmable Logic
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com