Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

81080V Datasheet (PDF) - Lattice Semiconductor

81080V Datasheet PDF - Lattice Semiconductor
Part # 81080V
Download  81080V Download
File Size   333.86 Kbytes
Page   26 Pages
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor
Description 3.3V In-System Programmable SuperBIG??High Density PLD

81080V Datasheet (PDF)

Go To PDF Page Download Datasheet
81080V Datasheet PDF - Lattice Semiconductor

Part # 81080V
Download  81080V Click to download

File Size   333.86 Kbytes
Page   26 Pages
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor
Description 3.3V In-System Programmable SuperBIG??High Density PLD

81080V Datasheet (HTML) - Lattice Semiconductor


81080V Product details

ispLSI 8000V Family Description

The ispLSI 8000V Family of Register-Intensive, 3.3V SuperBIG In-System Programmable Logic Devices is based on Big Fast Megablocks of 120 registered macro cells and a Global Routing Plane (GRP) structure interconnecting the Big Fast Megablocks. Each Big Fast Megablock contains 120 registered macrocells arranged in six groups of 20, a group of 20 being referred to as a Generic Logic Block, or GLB. Within the Big Fast Megablock, a Big Fast Megablock Routing Pool (BRP) interconnects the six GLBs to each other and to 24 Big Fast Megablock I/O cells with optional I/O registers. The Global Routing Plane which interconnects the Big Fast Megablocks has additional global I/Os with optional I/O registers. The 192-I/O version contains 72 Big Fast Megablock I/Os and 120 global I/Os, while the 360-I/O version contains 216 Big Fast Megablock I/Os and 144 global I/Os.



Features

• SuperBIG HIGH DENSITY IN-SYSTEM PROGRAMMABLE LOGIC

   — 3.3V Power Supply

   — 60,000 PLD Gates/1080 Macrocells

   — 192-360 I/O Pins Supporting 3.3V/2.5V I/O

   — 1440 Registers

   — High-Speed Global and Big Fast Megablock (BFM) Interconnect

   — Wide 20-Macrocell Generic Logic Block (GLB) for High Performance

   — Wide Input Gating (44 Inputs per GLB) for Fast Counters, State Machines, Address Decoders, Etc.

   — PCB-Efficient Ball Grid Array (BGA) Package Options

• HIGH-PERFORMANCE E2CMOS® TECHNOLOGY

   — fmax = 125 MHz Maximum Operating Frequency

   — tpd = 8.5 ns Propagation Delay

   — Electrically Erasable and Reprogrammable

   — Non-Volatile

   — Programmable Speed/Power Logic Path Optimization

• IN-SYSTEM PROGRAMMABLE

   — Increased Manufacturing Yields, Reduced Time-to Market and Improved Product Quality

   — Reprogram Soldered Devices for Faster Debugging

• 100% IEEE 1149.1 BOUNDARY SCAN TESTABLE AND 3.3V IN-SYSTEM PROGRAMMABLE

• ARCHITECTURE FEATURES

   — Enhanced Pin-Locking Architecture, Symmetrical Generic Logic Blocks Connected by Hierarchical Big Fast Megablock and Global Routing Planes

   — Product Term Sharing Array Supports up to 28 Product Terms per Macrocell Output

   — Macrocells Support Concurrent Combinatorial and Registered Functions

   — Embedded Tristate Bus Can Be Used as an Internal Tristate Bus or as an Extension of an External Tristate Bus

   — Macrocell and I/O Registers Feature Multiple Control Options, Including Set, Reset and Clock Enable

   — I/O Pins Support Programmable Bus Hold, Pull-Up, Open-Drain and Slew Rate Options

   — Separate VCCIO Power Supply to Support 3.3V or 2.5V Input/Output Logic Levels

   — I/O Cell Register Programmable as Input Register for Fast Setup Time or Output Register for Fast Clock to Output Time

• ispDesignEXPERT™ – LOGIC COMPILER AND COMPLETE ISP DEVICE DESIGN SYSTEMS FROM HDL SYNTHESIS THROUGH IN-SYSTEM PROGRAMMING

   — Superior Quality of Results

   — Tightly Integrated with Leading CAE Vendor Tools

   — Productivity Enhancing Timing Analyzer, Explore Tools, Timing Simulator and ispANALYZER™

   — PC and UNIX Platforms



 




Similar Part No. - 81080V

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
81080 BANNER-81080 Datasheet
246Kb / 1P
Antenna Kit BWA-ANTKIT-006
logo
DESCO INDUSTRIES INC
81080 DESCO-81080 Datasheet
704Kb / 5P
WRIST STRAPS & COIL CORDS
logo
3M Electronics
81080-500203 3M-81080-500203 Datasheet
1Mb / 8P
3M™ 4-Wall, Tripolarized Header .050" × .100" Latch/Ejector, PTH & SMT Straight, PTH Right Angle
April 2, 2013
81080-500203-RB 3M-81080-500203-RB Datasheet
1Mb / 8P
3M™ 4-Wall, Tripolarized Header .050" × .100" Latch/Ejector, PTH & SMT Straight, PTH Right Angle
April 2, 2013
81080-500303 3M-81080-500303 Datasheet
1Mb / 8P
3M™ 4-Wall, Tripolarized Header .050" × .100" Latch/Ejector, PTH & SMT Straight, PTH Right Angle
April 2, 2013
More results


Similar Description - 81080V

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
2032VE LATTICE-2032VE Datasheet
179Kb / 14P
3.3V In-System Programmable High Density SuperFAST??PLD
2064VE LATTICE-2064VE Datasheet
200Kb / 15P
3.3V In-System Programmable High Density SuperFAST??PLD
2192VE LATTICE-2192VE Datasheet
144Kb / 15P
3.3V In-System Programmable SuperFAST??High Density PLD
5384VA LATTICE-5384VA Datasheet
350Kb / 28P
In-System Programmable 3.3V SuperWIDE??High Density PLD
8600V LATTICE-8600V Datasheet
333Kb / 26P
3.3V In-System Programmable SuperBIG??High Density PLD
8840 LATTICE-8840 Datasheet
304Kb / 23P
In-System Programmable SuperBIG??High Density PLD
ISPLSI5128VE LATTICE-ISPLSI5128VE Datasheet
211Kb / 21P
In-System Programmable 3.3V SuperWIDE High Density PLD
ISPLSI5256VE LATTICE-ISPLSI5256VE Datasheet
246Kb / 24P
In-System Programmable 3.3V SuperWIDE High Density PLD
ISPLSI2128VE LATTICE-ISPLSI2128VE_04 Datasheet
200Kb / 20P
3.3V In-System Programmable SuperFAST??High Density PLD
ISPLSI5384VE-125LB272 LATTICE-ISPLSI5384VE-125LB272 Datasheet
242Kb / 22P
In-System Programmable 3.3V SuperWIDE??High Density PLD
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com