Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GAL20V8 Datasheet (PDF) - Lattice Semiconductor

GAL20V8 Datasheet PDF - Lattice Semiconductor
Part # GAL20V8
Download  GAL20V8 Download
File Size   308.03 Kbytes
Page   23 Pages
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor
Description High Performance E2CMOS PLD Generic Array Logic

GAL20V8 Datasheet (PDF)

Go To PDF Page Download Datasheet
GAL20V8 Datasheet PDF - Lattice Semiconductor

Part # GAL20V8
Download  GAL20V8 Click to download

File Size   308.03 Kbytes
Page   23 Pages
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor
Description High Performance E2CMOS PLD Generic Array Logic

GAL20V8 Datasheet (HTML) - Lattice Semiconductor


GAL20V8 Product details

Description

The GAL20V8C, at 5ns maximum propagation delay time, combines a high performance CMOS process with Electrically Erasable (E2) floating gate technology to provide the highest speed performance available in the PLD market. High speed erase times (<100ms) allow the devices to be reprogrammed quickly and efficiently.

The generic architecture provides maximum design flexibility by allowing the Output Logic Macrocell (OLMC) to be configured by the user. An important subset of the many architecture configurations possible with the GAL20V8 are the PAL architectures listed in the table of the macrocell description section. GAL20V8 devices are capable of emulating any of these PAL architectures with full function/fuse map/parametric compatibility.



Features

• HIGH PERFORMANCE E2CMOS® TECHNOLOGY

— 5 ns Maximum Propagation Delay

— Fmax = 166 MHz

— 4 ns Maximum from Clock Input to Data Output

— UltraMOS® Advanced CMOS Technology

• 50% to 75% REDUCTION IN POWER FROM BIPOLAR

— 75mA Typ Icc on Low Power Device

— 45mA Typ Icc on Quarter Power Device

• ACTIVE PULL-UPS ON ALL PINS

• E2 CELL TECHNOLOGY

— Reconfigurable Logic

— Reprogrammable Cells

— 100% Tested/100% Yields

— High Speed Electrical Erasure (<100ms)

— 20 Year Data Retention

• EIGHT OUTPUT LOGIC MACROCELLS

— Maximum Flexibility for Complex Logic Designs

— Programmable Output Polarity

— Also Emulates 24-pin PAL® Devices with Full Function/Fuse Map/Parametric Compatibility

• PRELOAD AND POWER-ON RESET OF ALL REGISTERS

— 100% Functional Testability

• APPLICATIONS INCLUDE:

— DMA Control

— State Machine Control

— High Speed Graphics Processing

— Standard Logic Speed Upgrade




Similar Part No. - GAL20V8

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
GAL20V8A-10 NSC-GAL20V8A-10 Datasheet
601Kb / 16P
Generic Array Logic
GAL20V8A-10L NSC-GAL20V8A-10L Datasheet
601Kb / 16P
Generic Array Logic
GAL20V8A-10LJC NSC-GAL20V8A-10LJC Datasheet
601Kb / 16P
Generic Array Logic
GAL20V8A-10LJI NSC-GAL20V8A-10LJI Datasheet
601Kb / 16P
Generic Array Logic
GAL20V8A-10LJM NSC-GAL20V8A-10LJM Datasheet
601Kb / 16P
Generic Array Logic
More results


Similar Description - GAL20V8

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
GAL16V8 LATTICE-GAL16V8 Datasheet
316Kb / 22P
High Performance E2CMOS PLD Generic Array Logic
GAL16V811111 LATTICE-GAL16V811111 Datasheet
392Kb / 23P
High Performance E2CMOS PLD Generic Array Logic
GAL18V10 LATTICE-GAL18V10 Datasheet
265Kb / 16P
High Performance E2CMOS PLD Generic Array Logic
GAL22V10 LATTICE-GAL22V10 Datasheet
386Kb / 29P
High Performance E2CMOS PLD Generic Array Logic
26CV12 LATTICE-26CV12 Datasheet
255Kb / 17P
High Performance E2CMOS PLD Generic Array Logic
GAL16V8 LATTICE-GAL16V8_98 Datasheet
395Kb / 22P
High Performance E2CMOS PLD Generic Array Logic?
GAL16V8 LATTICE-GAL16V8_04 Datasheet
339Kb / 23P
High Performance E2CMOS PLD Generic Array Logic?
GAL16V8 LATTICE-GAL16V8_06 Datasheet
654Kb / 24P
High Performance E2CMOS PLD Generic Array Logic?
GAL20V8 LATTICE-GAL20V8_06 Datasheet
582Kb / 25P
High Performance E2CMOS PLD Generic Array Logic?
5962-8983902RA LATTICE-5962-8983902RA Datasheet
293Kb / 8P
High Performance E2CMOS PLD Generic Array Logic?
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com