Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MACH4-96 Datasheet (PDF) - Lattice Semiconductor

MACH4-96 Datasheet PDF - Lattice Semiconductor
Part # MACH4-96
Download  MACH4-96 Download
File Size   294.48 Kbytes
Page   33 Pages
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor
Description High-Performance EE CMOS Programmable Logic

MACH4-96 Datasheet (PDF)

Go To PDF Page Download Datasheet
MACH4-96 Datasheet PDF - Lattice Semiconductor

Part # MACH4-96
Download  MACH4-96 Click to download

File Size   294.48 Kbytes
Page   33 Pages
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor
Description High-Performance EE CMOS Programmable Logic

MACH4-96 Datasheet (HTML) - Lattice Semiconductor


MACH4-96 Product details

GENERAL DESCRIPTION
The MACH4-96/96 (M4-96/96) is a member of Vantis’ high-performance EE CMOS MACH 4 family. This device has approximately three times the macrocell capability of the popular MACH111SP, with significant additional density and functional features.
The M4-96/96 consists of six PAL® blocks interconnected by a programmable central switch matrix. The central switch matrix connects the PAL blocks to each other and to all input pins, providing a high degree of connectivity between the PAL blocks. This allows designs to be placed and routed efficiently. Routability is further enhanced by an input switch matrix and an output switch matrix. The input switch matrix provides input signals with alternative paths into the central switch matrix; the output switch matrix provides flexibility in assigning macrocells to I/O pins.

DISTINCTIVE CHARACTERISTICS
◆ 144 Pins in PQFP
◆ 96 Macrocells
◆ 15 ns tPD Commercial, 18 ns tPD Industrial
◆ 47.6 MHz fCNT
◆ 102 Inputs with pull-up resistors
◆ 96 I/Os; 4 dedicated inputs/clocks; 2 dedicated inputs
◆ 96 Flip-flops
◆ Up to 20 product terms per macrocell, with XOR
◆ Flexible clocking
   — Four global clock pins with selectable edges
   — Asynchronous mode available for each macrocell
◆ 3 MACH111SP-size blocks
◆ SpeedLocking™ for guaranteed fixed timing
◆ JTAG, 5-V, in-system programmable
◆ JTAG (IEEE 1149.1) boundary scan testing capability
◆ Input and output switch matrices for high routability




Similar Part No. - MACH4-96

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
MACH4 LATTICE-MACH4 Datasheet
720Kb / 46P
High Performance E 2 CMOS In-System Programmable Logic
MACH435-12 LATTICE-MACH435-12 Datasheet
254Kb / 30P
High-Density EE CMOS Programmable Logic
MACH435-12JC LATTICE-MACH435-12JC Datasheet
254Kb / 30P
High-Density EE CMOS Programmable Logic
MACH435-15JC LATTICE-MACH435-15JC Datasheet
254Kb / 30P
High-Density EE CMOS Programmable Logic
MACH435-20JC LATTICE-MACH435-20JC Datasheet
254Kb / 30P
High-Density EE CMOS Programmable Logic
More results


Similar Description - MACH4-96

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
MACH111-5 AMD-MACH111-5 Datasheet
145Kb / 28P
High-Performance EE CMOS Programmable Logic
MACH210A-7 AMD-MACH210A-7 Datasheet
301Kb / 51P
High-Density EE CMOS Programmable Logic
MACH211SP-7 AMD-MACH211SP-7 Datasheet
251Kb / 37P
High-Density EE CMOS Programmable Logic
logo
Lattice Semiconductor
MACH1 LATTICE-MACH1 Datasheet
1Mb / 48P
High-Performance EE CMOS Programmable Logic
MACH120-12 LATTICE-MACH120-12 Datasheet
171Kb / 20P
High-Performance EE CMOS Programmable Logic
MACH230-10 LATTICE-MACH230-10 Datasheet
230Kb / 29P
High-Density EE CMOS Programmable Logic
MACH435-12 LATTICE-MACH435-12 Datasheet
254Kb / 30P
High-Density EE CMOS Programmable Logic
MACH445-12 LATTICE-MACH445-12 Datasheet
214Kb / 28P
High-Density EE CMOS Programmable Logic
logo
List of Unclassifed Man...
MACH11SP ETC-MACH11SP Datasheet
193Kb / 33P
High-Performance EE CMOS In-System Programmable Logic
logo
Advanced Micro Devices
MACH220-10 AMD-MACH220-10 Datasheet
213Kb / 33P
High-Density EE CMOS Programmable Logic
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com