Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PALLV22V10 Datasheet (PDF) - Lattice Semiconductor

PALLV22V10 Datasheet PDF - Lattice Semiconductor
Part # PALLV22V10
Download  PALLV22V10 Download
File Size   378.8 Kbytes
Page   19 Pages
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor
Description Low-Voltage Zero Power 24-Pin EE CMOS Versatile PAL Device

PALLV22V10 Datasheet (PDF)

Go To PDF Page Download Datasheet
PALLV22V10 Datasheet PDF - Lattice Semiconductor

Part # PALLV22V10
Download  PALLV22V10 Click to download

File Size   378.8 Kbytes
Page   19 Pages
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor
Description Low-Voltage Zero Power 24-Pin EE CMOS Versatile PAL Device

PALLV22V10 Datasheet (HTML) - Lattice Semiconductor


PALLV22V10 Product details

GENERAL DESCRIPTION
The PALLV22V10 is an advanced PAL® device built with low-voltage, high-speed, electricallyerasable CMOS technology.
The PALLV22V10Z provides low voltage and zero standby power. At 30 µA maximum standby current, the PALLV22V10Z allows battery powered operation for an extended period. The PALLV22V10 device implements the familiar Boolean logic transfer function, the sum of products. The PAL device is a programmable AND array driving a fixed OR array. The AND array is programmed to create custom product terms, while the OR array sums selected terms at the outputs.
The product terms are connected to the fixed OR array with a varied distribution from 8 to 16 across the outputs (see Block Diagram). The OR sum of the products feeds the output macrocell. Each macrocell can be programmed as registered or combinatorial, and active high or active low. The output configuration is determined by two bits controlling two multiplexers in each macrocell.

DISTINCTIVE CHARACTERISTICS
◆ Low-voltage operation, 3.3 V JEDEC compatible
   — VCC = + 3.0 V to 3.6 V
◆ Commercial and industrial operating temperature range
◆ 7.5-ns tPD
◆ Electrically-erasable technology provides reconfigurable logic and full testability
◆ 10 macrocells programmable as registered or combinatorial, and active high or active low to match application needs
◆ Varied product term distribution allows up to 16 product terms per output for complex functions
◆ Global asynchronous reset and synchronous preset for initialization
◆ Power-up reset for initialization and register preload for testability
◆ Extensive third-party software and programmer support
◆ 24-pin SKINNY DIP and 28-pin PLCC packages save space




Similar Part No. - PALLV22V10

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
PALLV16V8-10JC LATTICE-PALLV16V8-10JC Datasheet
425Kb / 22P
Low Voltage, Zero Power 20-Pin EE CMOS Universal Programmable Array Logic
PALLV16V8-10PC LATTICE-PALLV16V8-10PC Datasheet
425Kb / 22P
Low Voltage, Zero Power 20-Pin EE CMOS Universal Programmable Array Logic
PALLV16V8-10SC LATTICE-PALLV16V8-10SC Datasheet
425Kb / 22P
Low Voltage, Zero Power 20-Pin EE CMOS Universal Programmable Array Logic
PALLV16V8Z-20JI LATTICE-PALLV16V8Z-20JI Datasheet
425Kb / 22P
Low Voltage, Zero Power 20-Pin EE CMOS Universal Programmable Array Logic
PALLV16V8Z-20PI LATTICE-PALLV16V8Z-20PI Datasheet
425Kb / 22P
Low Voltage, Zero Power 20-Pin EE CMOS Universal Programmable Array Logic
More results


Similar Description - PALLV22V10

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PLC18V8Z PHILIPS-PLC18V8Z Datasheet
225Kb / 23P
Zero standby power CMOS versatile PAL devices
1997 Aug 08
logo
Lattice Semiconductor
PALCE16V8 LATTICE-PALCE16V8 Datasheet
634Kb / 32P
EE CMOS Zero-Power 20-Pin Universal Programmable Array Logic
PALCE20V8 LATTICE-PALCE20V8 Datasheet
518Kb / 27P
EE CMOS 24-Pin Universal Programmable Array Logic
PALCE22V10 LATTICE-PALCE22V10 Datasheet
691Kb / 34P
24-Pin EE CMOS (Zero Power) Versatile PAL Device
PLV16V8 LATTICE-PLV16V8 Datasheet
425Kb / 22P
Low Voltage, Zero Power 20-Pin EE CMOS Universal Programmable Array Logic
logo
Advanced Micro Devices
AMPAL22V10 AMD-AMPAL22V10 Datasheet
184Kb / 20P
PAL22V10 Family, AmPAL22V10/A 24-Pin TTL Versatile PAL Device
PALCE29MA16 AMD-PALCE29MA16 Datasheet
353Kb / 25P
24-Pin EE CMOS Programmable Array Logic
logo
Cypress Semiconductor
PALC22V10B CYPRESS-PALC22V10B Datasheet
78Kb / 3P
Reprogrammable CMOS PAL Device
logo
Advanced Micro Devices
PALCE26V12 AMD-PALCE26V12 Datasheet
219Kb / 21P
28-Pin EE CMOS Versatile PAL Device
PALCE29M16H-25 AMD-PALCE29M16H-25 Datasheet
302Kb / 22P
24-Pin EE CMOS Programmable Array Logic
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com