Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSI10H120CW Datasheet (PDF) - Taiwan Semiconductor Company, Ltd

TSI10H120CW Datasheet PDF - Taiwan Semiconductor Company, Ltd
Part # TSI10H120CW
Download  TSI10H120CW Download
File Size   245.4 Kbytes
Page   5 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 10A, 100V - 200V Trench Schottky Rectifiers

TSI10H120CW Datasheet (PDF)

Go To PDF Page Download Datasheet
TSI10H120CW Datasheet PDF - Taiwan Semiconductor Company, Ltd

Part # TSI10H120CW
Download  TSI10H120CW Click to download

File Size   245.4 Kbytes
Page   5 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 10A, 100V - 200V Trench Schottky Rectifiers

TSI10H120CW Datasheet (HTML) - Taiwan Semiconductor Company, Ltd




Similar Part No. - TSI10H120CW

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSI10L200CW TSC-TSI10L200CW Datasheet
202Kb / 4P
10A, 200V Trench Schottky Rectifier
More results


Similar Description - TSI10H120CW

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SM10100DS SECOS-SM10100DS Datasheet
200Kb / 2P
VOLTAGE 100V 10A Schottky Barrier Rectifiers
logo
Taiwan Semiconductor Co...
TSI20H100CW TSC-TSI20H100CW Datasheet
245Kb / 5P
20A, 100V - 200V Trench Schottky Rectifiers
TSI30H100CW TSC-TSI30H100CW Datasheet
244Kb / 5P
30A, 100V - 200V Trench Schottky Rectifiers
TSD10H100CW TSC-TSD10H100CW Datasheet
234Kb / 5P
10A, 100V - 200V Trench Schottky Rectifier
TSF10L100CW TSC-TSF10L100CW Datasheet
247Kb / 5P
10A, 100V - 200V Trench Schottky Rectifiers
TSI10L200CW TSC-TSI10L200CW Datasheet
202Kb / 4P
10A, 200V Trench Schottky Rectifier
TSD10L200CW TSC-TSD10L200CW Datasheet
215Kb / 4P
10A, 200V Trench Schottky Rectifier
TSSD10L100SW TSC-TSSD10L100SW Datasheet
341Kb / 6P
10A, 100V - 200V Trench Schottky Rectifier
TSSD20L100SW TSC-TSSD20L100SW Datasheet
361Kb / 8P
20A, 100V - 200V Trench Schottky Rectifier
TST10L200CW TSC-TST10L200CW Datasheet
341Kb / 4P
10A, 200V Trench Schottky Rectifiers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com