Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXTN26070CV Datasheet (PDF) - Diodes Incorporated

ZXTN26070CV Datasheet PDF - Diodes Incorporated
Part # ZXTN26070CV_15
Download  ZXTN26070CV Download
File Size   145.32 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 70V NPN LOW SATURATION TRANSISTOR IN SOT-666

ZXTN26070CV Datasheet (PDF)

Go To PDF Page Download Datasheet
ZXTN26070CV Datasheet PDF - Diodes Incorporated

Part # ZXTN26070CV_15
Download  ZXTN26070CV Click to download

File Size   145.32 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 70V NPN LOW SATURATION TRANSISTOR IN SOT-666

ZXTN26070CV Datasheet (HTML) - Diodes Incorporated




Similar Part No. - ZXTN26070CV_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXTN26070CV-7 DIODES-ZXTN26070CV-7 Datasheet
145Kb / 7P
70V NPN LOW SATURATION TRANSISTOR IN SOT-666
DS32129 Rev. 3 - 2
More results


Similar Description - ZXTN26070CV_15

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXT4M322 ZETEX-ZXT4M322 Datasheet
112Kb / 6P
70V PNP LOW SATURATION TRANSISTOR
ZXTDE4M832 ZETEX-ZXTDE4M832 Datasheet
321Kb / 8P
DUAL 80V NPN & 70V PNP LOW SATURATION TRANSISTOR COMBINATION
logo
Diodes Incorporated
ZXTN26070CV DIODES-ZXTN26070CV Datasheet
145Kb / 7P
70V NPN LOW SATURATION TRANSISTOR IN SOT-666
DS32129 Rev. 3 - 2
FMMT624 DIODES-FMMT624 Datasheet
202Kb / 6P
150V NPN SILICON LOW SATURATION TRANSISTOR IN SOT-23
October 2010
ZXTC6720MC DIODES-ZXTC6720MC Datasheet
211Kb / 9P
DUAL 80V NPN & 70V PNP LOW SATURATION TRANSISTOR COMBINATION
Rev 2
ZXTDE4M832 DIODES-ZXTDE4M832 Datasheet
519Kb / 8P
DUAL 80V NPN & 70V PNP LOW SATURATION TRANSISTOR COMBINATION
JUNE 2002
ZXT4M322 DIODES-ZXT4M322 Datasheet
331Kb / 6P
70V PNP LOW SATURATION TRANSISTOR
JUNE 2003
ZXTP722MA DIODES-ZXTP722MA Datasheet
205Kb / 7P
70V PNP LOW SATURATION TRANSISTOR
Rev 5
FMMT722 DIODES-FMMT722_15 Datasheet
286Kb / 7P
70V PNP SILICON LOW SATURATION TRANSISTOR IN SOT23
Rev 4
ZXTP722MA DIODES-ZXTP722MA_15 Datasheet
205Kb / 7P
70V PNP LOW SATURATION TRANSISTOR
Rev 5
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com