Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

25-NSFR Datasheet (PDF) - Naina Semiconductor ltd.

25-NSFR Datasheet PDF - Naina Semiconductor ltd.
Part # 25-NSFR
Download  25-NSFR Download
File Size   150.46 Kbytes
Page   2 Pages
Manufacturer  NAINA [Naina Semiconductor ltd.]
Direct Link  http://www.nainasemi.com
Logo NAINA - Naina Semiconductor ltd.
Description Fast Recovery Diodes, 25A

25-NSFR Datasheet (PDF)

Go To PDF Page Download Datasheet
25-NSFR Datasheet PDF - Naina Semiconductor ltd.

Part # 25-NSFR
Download  25-NSFR Click to download

File Size   150.46 Kbytes
Page   2 Pages
Manufacturer  NAINA [Naina Semiconductor ltd.]
Direct Link  http://www.nainasemi.com
Logo NAINA - Naina Semiconductor ltd.
Description Fast Recovery Diodes, 25A

25-NSFR Datasheet (HTML) - Naina Semiconductor ltd.




Similar Part No. - 25-NSFR

ManufacturerPart #DatasheetDescription
logo
Naina Semiconductor ltd...
25-NSR NAINA-25-NSR Datasheet
178Kb / 2P
Standard Recovery Diodes (Stud and Lead Type), 25A
More results


Similar Description - 25-NSFR

ManufacturerPart #DatasheetDescription
logo
Sanken electric
CTU-34S SANKEN-CTU-34S Datasheet
324Kb / 5P
Fast Recovery Diodes
logo
Rohm
RF601B2D ROHM-RF601B2D Datasheet
178Kb / 4P
Fast recovery diodes
logo
Pan Jit International I...
FR2504 PANJIT-FR2504 Datasheet
121Kb / 3P
25A / 400V FAST RECOVERY RECTIFIER
FR2504DY PANJIT-FR2504DY Datasheet
151Kb / 3P
25A SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
New Jersey Semi-Conduct...
MUR2505 NJSEMI-MUR2505 Datasheet
81Kb / 1P
SUPER FAST RECOVERY DIODES STUD TYPE 25A ?
logo
Nell Semiconductor Co.,...
40FDR NELLSEMI-40FDR Datasheet
617Kb / 6P
Fast Recovery Diodes
logo
Shenzhen Luguang Electr...
ZK200A LUGUANG-ZK200A Datasheet
2Mb / 1P
FAST RECOVERY DIODES
logo
DONGGUAN YOU FENG WEI E...
GBJ2503SF YFWDIODE-GBJ2503SF Datasheet
634Kb / 3P
25A Super Fast Recovery Rectifier Bridge
GBU2503SF YFWDIODE-GBU2503SF Datasheet
371Kb / 3P
25A Super Fast Recovery Rectifier Bridge
logo
Rohm
MH2201WZ ROHM-MH2201WZ Datasheet
250Kb / 3P
1200V 25A Fast Recovery Diode
2019.08 - Rev.A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com