Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD78217A Datasheet (PDF) - NEC

UPD78217A Datasheet PDF - NEC
Part # UPD78217A
Download  UPD78217A Download
File Size   510.68 Kbytes
Page   66 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 8-BIT SINGLE-CHIP MICROCONTROLLER

UPD78217A Datasheet (PDF)

Go To PDF Page Download Datasheet
UPD78217A Datasheet PDF - NEC

Part # UPD78217A
Download  UPD78217A Click to download

File Size   510.68 Kbytes
Page   66 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 8-BIT SINGLE-CHIP MICROCONTROLLER

UPD78217A Datasheet (HTML) - NEC


UPD78217A Product details

DESCRIPTION
The µPD78217A and 78218A are members of the 78K/II series of microcontrollers featuring a high-speed high-performance CPU. The µPD78217A and 78218A are based on the µPD78213 and 78214, and feature increased memory capacity and added functions, such as a timer/counter and macro servicing.

FEATURES
• Upper compatibility with µPD78214 subseries (pin-compatible)
• High-speed instruction execution (at 12 MHz): 333 ns (µPD78218A), 500 ns (µPD78217A)
• On-chip high-performance interrupt controller
• On-chip A/D converter: 8 bits × 8 channels
• Number of I/O pins: 54 (µPD78218A), 36 (µPD78217A)
• Real-time output ports: 8 bits × 1 channel or 4 bits × 2 channels
• Serial interface: 2 channels
• Timer/counter: 16 bits × 1 channel and 8 bits × 3 channels

APPLICATION FIELDS
    Printers, typewriters, OA equipment such as plain paper copiers (PPCs) and faxes, electronic music instruments, inverters, cameras, etc.




Similar Part No. - UPD78217A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD78217A RENESAS-UPD78217A Datasheet
569Kb / 68P
MOS INTEGRATED CIRCUIT
1991
UPD78217ACW RENESAS-UPD78217ACW Datasheet
569Kb / 68P
MOS INTEGRATED CIRCUIT
1991
UPD78217AGC-AB8 RENESAS-UPD78217AGC-AB8 Datasheet
569Kb / 68P
MOS INTEGRATED CIRCUIT
1991
More results


Similar Description - UPD78217A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC863232 SANYO-LC863232 Datasheet
654Kb / 20P
8-Bit Single Chip Microcontroller
LC863264 SANYO-LC863264 Datasheet
656Kb / 20P
8-Bit Single Chip Microcontroller
logo
List of Unclassifed Man...
MAB84X1 ETC-MAB84X1 Datasheet
977Kb / 31P
SINGLE CHIP 8 BIT MICROCONTROLLER
logo
NEC
UPD78F9188CT NEC-UPD78F9188CT Datasheet
70Kb / 9P
8-BIT SINGLE-CHIP MICROCONTROLLER
logo
Siemens Semiconductor G...
SAB8032A SIEMENS-SAB8032A Datasheet
462Kb / 21P
8-Bit Single-Chip Microcontroller
logo
NEC
UPD78C18 NEC-UPD78C18 Datasheet
1Mb / 373P
8-BIT SINGLE-CHIP MICROCONTROLLER
logo
Infineon Technologies A...
XC886 INFINEON-XC886_1 Datasheet
4Mb / 144P
8-Bit Single-Chip Microcontroller
V0.9, Dec. 2006
SAL-XC886CLM INFINEON-SAL-XC886CLM Datasheet
870Kb / 134P
8-Bit Single Chip Microcontroller
V1.0 2010-05
XC835 INFINEON-XC835 Datasheet
1Mb / 56P
8-Bit Single-Chip Microcontroller
V1.2 2011-03
SAK-C505CA-4EMCA INFINEON-SAK-C505CA-4EMCA Datasheet
1Mb / 88P
8-Bit Single-Chip Microcontroller
Dec. 2000
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com