Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ8 Datasheet (PDF) - ZETTLER Electronics

AZ8 Datasheet PDF - ZETTLER Electronics
Part # AZ8
Download  AZ8 Download
File Size   53.06 Kbytes
Page   4 Pages
Manufacturer  ZETTLER [ZETTLER Electronics]
Direct Link  http://www.zettlerelectronics.com
Logo ZETTLER - ZETTLER Electronics
Description Kontaktbestuckung wahlweise: 1 Schlie횩er, 1 Wechsler

AZ8 Datasheet (PDF)

Go To PDF Page Download Datasheet
AZ8 Datasheet PDF - ZETTLER Electronics

Part # AZ8
Download  AZ8 Click to download

File Size   53.06 Kbytes
Page   4 Pages
Manufacturer  ZETTLER [ZETTLER Electronics]
Direct Link  http://www.zettlerelectronics.com
Logo ZETTLER - ZETTLER Electronics
Description Kontaktbestuckung wahlweise: 1 Schlie횩er, 1 Wechsler

AZ8 Datasheet (HTML) - ZETTLER Electronics


AZ8 Product details

FEATURES
    Subminiature size
    High sensitivity, 110mW pickup
    Coils to 48VDC
    Epoxy sealed for automatic wave soldering
    Contacts rated at 3, 6 or 10A
    Life expectancy to 20 million operations
    Extremely low cost
    Class B insulation (130°C) standard
    Class F insulation (155°C) version available
    UL, CUR and VDE approved




Similar Part No. - AZ8

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AZ8 ETC1-AZ8 Datasheet
161Kb / 4P
MINIATURE PC BOARD RELAY
logo
American Zettler, Inc.
AZ8 AZETTLER-AZ8 Datasheet
158Kb / 4P
MINIATURE PC BOARD RELAY
AZ8 AZETTLER-AZ8 Datasheet
154Kb / 4P
MINIATURE PC BOARD RELAY
3/29/21
logo
List of Unclassifed Man...
AZ8-1C-12D ETC1-AZ8-1C-12D Datasheet
161Kb / 4P
MINIATURE PC BOARD RELAY
logo
American Zettler, Inc.
AZ8-1C-12D AZETTLER-AZ8-1C-12D Datasheet
158Kb / 4P
MINIATURE PC BOARD RELAY
More results


Similar Description - AZ8

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MABA-010314-CT1370 MA-COM-MABA-010314-CT1370 Datasheet
159Kb / 4P
Transformer, 1:1
MABA-010400-CT18A0 MA-COM-MABA-010400-CT18A0 Datasheet
123Kb / 4P
Transformer, 1:1
MABA-010411-CT1160 MA-COM-MABA-010411-CT1160 Datasheet
158Kb / 4P
Transformer, 1:1
MABA-010314-CT1370 MA-COM-MABA-010314-CT1370 Datasheet
159Kb / 4P
Transformer, 1:1
MABA-010400-CT18A0 MA-COM-MABA-010400-CT18A0 Datasheet
123Kb / 4P
Transformer, 1:1
MABA-010726-CT1007-V1 MA-COM-MABA-010726-CT1007-V1 Datasheet
1Mb / 4P
Transformer, 1:1
MABA-011009-V2 MA-COM-MABA-011009-V2 Datasheet
584Kb / 4P
Transformer, 1:1
MABACT0062 MA-COM-MABACT0062 Datasheet
147Kb / 4P
Transformer, 1:1
logo
Alpha Wire
B963011 ALPHAWIRE-B963011 Datasheet
68Kb / 2P
Component 1 1 X 1 PAIR
logo
Vishay Siliconix
122 VISHAY-122 Datasheet
351Kb / 4P
1 1/16" (27 mm) Single Turn Wirewound Precision Potentiometer
26-Mar-15
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com