Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ920 Datasheet (PDF) - ZETTLER Electronics

AZ920 Datasheet PDF - ZETTLER Electronics
Part # AZ920
Download  AZ920 Download
File Size   121.05 Kbytes
Page   2 Pages
Manufacturer  ZETTLER [ZETTLER Electronics]
Direct Link  http://www.zettlerelectronics.com
Logo ZETTLER - ZETTLER Electronics
Description ULTRA-SENSITIVE SUBMINIATURE RELAY

AZ920 Datasheet (PDF)

Go To PDF Page Download Datasheet
AZ920 Datasheet PDF - ZETTLER Electronics

Part # AZ920
Download  AZ920 Click to download

File Size   121.05 Kbytes
Page   2 Pages
Manufacturer  ZETTLER [ZETTLER Electronics]
Direct Link  http://www.zettlerelectronics.com
Logo ZETTLER - ZETTLER Electronics
Description ULTRA-SENSITIVE SUBMINIATURE RELAY

AZ920 Datasheet (HTML) - ZETTLER Electronics


AZ920 Product details

FEATURES

• Extremely small footprint utilizing only 0.16 square inch

of PCB area

• Thin vertical profile only 0.2" wide

• Slim SIP package

• 1 Form A contact with up to 5 Amp switching capability

• High sensitivity, 58 mW pickup

• Dielectric strength 2000 Vrms contact to coil

• Bifurcated contacts available

• Epoxy sealed for automatic wave soldering and cleaning

• Class B (130°C) standard

• Class F (155°C) versions available




Similar Part No. - AZ920

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AZ920 ETC-AZ920 Datasheet
60Kb / 2P
ULTRA-SENSITIVE SUBMINIATURE RELAY
logo
American Zettler, Inc.
AZ920 AZETTLER-AZ920 Datasheet
203Kb / 3P
ULTRA-SENSITIVE SUBMINIATURE RELAY
AZ920-1A-10D11D AZETTLER-AZ920-1A-10D11D Datasheet
203Kb / 3P
ULTRA-SENSITIVE SUBMINIATURE RELAY
AZ920-1A-12D AZETTLER-AZ920-1A-12D Datasheet
203Kb / 3P
ULTRA-SENSITIVE SUBMINIATURE RELAY
logo
List of Unclassifed Man...
AZ920-1A-12DE ETC-AZ920-1A-12DE Datasheet
60Kb / 2P
ULTRA-SENSITIVE SUBMINIATURE RELAY
More results


Similar Description - AZ920

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AZ920 ETC-AZ920 Datasheet
60Kb / 2P
ULTRA-SENSITIVE SUBMINIATURE RELAY
AZ826 ETC2-AZ826 Datasheet
157Kb / 2P
SUBMINIATURE ULTRA-SENSITIVE DIP RELAY
logo
American Zettler, Inc.
AZ826 AZETTLER-AZ826 Datasheet
87Kb / 2P
SUBMINIATURE ULTRA-SENSITIVE DIP RELAY
AZ920 AZETTLER-AZ920 Datasheet
203Kb / 3P
ULTRA-SENSITIVE SUBMINIATURE RELAY
AZ6951 AZETTLER-AZ6951 Datasheet
146Kb / 2P
SENSITIVE SUBMINIATURE RELAY
AZ8222 AZETTLER-AZ8222 Datasheet
96Kb / 2P
SUBMINIATURE ULTRA-SENSITIVE DIP RELAY
logo
ZETTLER Electronics
AZ921 ZETTLER-AZ921 Datasheet
509Kb / 2P
ULTRA-SENSITIVE SUBMINIATURE RELAY
AZ6951 ZETTLER-AZ6951 Datasheet
381Kb / 2P
SENSITIVE SUBMINIATURE RELAY
logo
American Zettler, Inc.
AZ921 AZETTLER-AZ921 Datasheet
1Mb / 3P
ULTRA-SENSITIVE SUBMINIATURE RELAY
AZ9201 AZETTLER-AZ9201 Datasheet
498Kb / 2P
ULTRA-SENSITIVE SUBMINIATURE RELAY
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com