Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D784225GC Datasheet (PDF) - NEC

D784225GC Datasheet PDF - NEC
Part # D784225GC
Download  D784225GC Download
File Size   687.29 Kbytes
Page   92 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 16/8-BIT SINGLE-CHIP MICROCONTROLLERS

D784225GC Datasheet (PDF)

Go To PDF Page Download Datasheet
D784225GC Datasheet PDF - NEC

Part # D784225GC
Download  D784225GC Click to download

File Size   687.29 Kbytes
Page   92 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 16/8-BIT SINGLE-CHIP MICROCONTROLLERS

D784225GC Datasheet (HTML) - NEC


D784225GC Product details

The µPD784224 and 784225 are products of the µPD784225 Subseries in the 78K/IV Series. Besides a highspeed and high performance CPU, these controllers have ROM, RAM, I/O ports, 8-bit resolution A/D and D/A converters, timers, serial interfaces, a real-time output port, interrupt functions, and various other peripheral
hardware.

FEATURES
• I2C bus
• ROM correction
• Inherits peripheral functions of µPD780058Y Subseries
• Minimum instruction execution time
    160 ns (main system clock fXX = 12.5 MHz)
    61 µs (subsystem clock fXT = 32.768 kHz)
• I/O port: 67 pins
• Timer/counter: 16-bit timer/counter × 1 unit 8-bit timer/counter × 4 units
• Serial interface: 3 channels
    UART/IOE (3-wire serial I/O): 2 channels
    CSI (3-wire serial I/O, multi-master supporting I2C busNote): 1 channel
    Note µPD784225Y Subseries only
• Standby function
    HALT/STOP/IDLE mode
    In power-saving mode: HALT/IDLE mode (with subsystem clock)
• Clock division function
• Watch timer: 1 channel
• Watchdog timer: 1 channel
• Clock output function fXX, fXX/2, fXX/22, fXX/23, fXX/24, fXX/25, fXX/26, fXX/27, fXT selectable
• Buzzer output function fXX/210, fXX/211, fXX/212, fXX/213 selectable
• A/D converter: 8-bit resolution × 8 channels
• D/A converter: 8-bit resolution × 2 channels
• Supply voltage: VDD = 1.8 to 5.5 V

APPLICATION FIELD
    Car audio, portable audio, telephones, etc.




Similar Part No. - D784225GC

ManufacturerPart #DatasheetDescription
logo
NEC
D784927YGF101 NEC-D784927YGF101 Datasheet
513Kb / 96P
16-BIT SINGLE-CHIP MICROCONTROLLER
logo
Renesas Technology Corp
D784927 RENESAS-D784927_15 Datasheet
785Kb / 99P
16-BIT SINGLE-CHIP MICROCONTROLLER
More results


Similar Description - D784225GC

ManufacturerPart #DatasheetDescription
logo
NEC
UPD78363A NEC-UPD78363A Datasheet
502Kb / 96P
16/8-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784031Y NEC-UPD784031Y Datasheet
464Kb / 88P
16-/8-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784035Y NEC-UPD784035Y Datasheet
503Kb / 94P
16-/8-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784214A NEC-UPD784214A Datasheet
561Kb / 50P
16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784218 NEC-UPD784218 Datasheet
617Kb / 92P
16-/8-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784915A NEC-UPD784915A Datasheet
446Kb / 86P
16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784915B NEC-UPD784915B Datasheet
384Kb / 86P
16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784938 NEC-UPD784938 Datasheet
3Mb / 733P
16-Bit Single-Chip Microcontrollers
logo
Renesas Technology Corp
UPD78F9500MA-CAC-A RENESAS-UPD78F9500MA-CAC-A Datasheet
2Mb / 342P
8-Bit Single-Chip Microcontrollers
UPD78F1502AGK-GAK-AX RENESAS-UPD78F1502AGK-GAK-AX Datasheet
6Mb / 1031P
16-Bit Single-Chip Microcontrollers
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com