Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C7020 Datasheet (PDF) - Won-Top Electronics

C7020 Datasheet PDF - Won-Top Electronics
Part # C7020
Download  C7020 Download
File Size   31.39 Kbytes
Page   2 Pages
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics
Description 70A AVALANCHE AUTOMOTIVE CELL DIODE

C7020 Datasheet (PDF)

Go To PDF Page Download Datasheet
C7020 Datasheet PDF - Won-Top Electronics

Part # C7020
Download  C7020 Click to download

File Size   31.39 Kbytes
Page   2 Pages
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics
Description 70A AVALANCHE AUTOMOTIVE CELL DIODE

C7020 Datasheet (HTML) - Won-Top Electronics


C7020 Product details

Features
● Diffused Junction
● Low Leakage
● Low Cost
● High Surge Current Capability
● Die Size 220 mil HEX




Similar Part No. - C7020

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
C7020 HAMAMATSU-C7020 Datasheet
221Kb / 7P
CCD multichannel detector head
C7020 HAMAMATSU-C7020 Datasheet
299Kb / 8P
Designed for front-illuminated CCD area image sensors
C7020 HAMAMATSU-C7020 Datasheet
333Kb / 6P
Multichannel detector head controller
C7020 HAMAMATSU-C7020_07 Datasheet
299Kb / 8P
Designed for front-illuminated CCD area image sensors
C7020 HAMAMATSU-C7020_15 Datasheet
697Kb / 8P
Designed for front-illuminated CCD area image
More results


Similar Description - C7020

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
C3520 WTE-C3520 Datasheet
42Kb / 2P
35A AVALANCHE AUTOMOTIVE CELL DIODE
C5020 WTE-C5020 Datasheet
42Kb / 2P
50A AVALANCHE AUTOMOTIVE CELL DIODE
logo
MIC GROUP RECTIFIERS
AAR25L MIC-AAR25L Datasheet
22Kb / 1P
AVALANCHE AUTOMOTIVE DIODE
AAR25M MIC-AAR25M Datasheet
22Kb / 1P
AVALANCHE AUTOMOTIVE DIODE
logo
Nell Semiconductor Co.,...
70CD NELLSEMI-70CD Datasheet
85Kb / 1P
Automotive Cell Diodes, 70A
logo
Shanghai Lunsure Electr...
AR50L CHENYI-AR50L Datasheet
50Kb / 2P
AVALANCHE AUTOMOTIVE DIODE
AR50Z CHENYI-AR50Z Datasheet
50Kb / 2P
AVALANCHE AUTOMOTIVE DIODE
logo
Won-Top Electronics
C70A WTE-C70A_14 Datasheet
31Kb / 2P
70A AUTOMOTIVE CELL DIODE
C3520 WTE-C3520_14 Datasheet
31Kb / 2P
35A AVALANCHE AUTOMOTIVE CELL DIODE
C5020 WTE-C5020_14 Datasheet
31Kb / 2P
50A AVALANCHE AUTOMOTIVE CELL DIODE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com