Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD3500 Datasheet (PDF) - Won-Top Electronics

HD3500 Datasheet PDF - Won-Top Electronics
Part # HD3500
Download  HD3500 Download
File Size   32.37 Kbytes
Page   2 Pages
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics
Description 35A GLASS PASSIVATED HITACHI TYPE PRESS-FIT DIODE

HD3500 Datasheet (PDF)

Go To PDF Page Download Datasheet
HD3500 Datasheet PDF - Won-Top Electronics

Part # HD3500
Download  HD3500 Click to download

File Size   32.37 Kbytes
Page   2 Pages
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics
Description 35A GLASS PASSIVATED HITACHI TYPE PRESS-FIT DIODE

HD3500 Datasheet (HTML) - Won-Top Electronics


HD3500 Product details

Features
● Glass Passivated Die Construction
● Low Leakage
● Low Cost
● High Surge Current Capability
● Typical IR less than 5.0µA
● C-Band Terminal Construction




Similar Part No. - HD3500

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
HD350 EXTECH-HD350 Datasheet
282Kb / 1P
Pitot Tube Anemometer Differential Manometer
HD350 EXTECH-HD350_15 Datasheet
282Kb / 1P
Pitot Tube Anemometer Differential Manometer
More results


Similar Description - HD3500

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
DD350 WTE-DD350 Datasheet
29Kb / 2P
35A GLASS PASSIVATED DISH TYPE PRESS-FIT DIODE
DD3520 WTE-DD3520 Datasheet
29Kb / 2P
35A GLASS PASSIVATED AVALANCHE DISH TYPE PRESS-FIT DIODE
TC3500 WTE-TC3500_06 Datasheet
29Kb / 2P
35A GLASS PASSIVATED 5/16 TIN CAN PRESS-FIT DIODE
DD350 WTE-DD350_14 Datasheet
32Kb / 2P
35A GLASS PASSIVATED DISH TYPE PRESS-FIT DIODE
DD3520 WTE-DD3520_14 Datasheet
31Kb / 2P
35A GLASS PASSIVATED AVALANCHE DISH TYPE PRESS-FIT DIODE
HD2500 WTE-HD2500 Datasheet
32Kb / 2P
25A GLASS PASSIVATED HITACHI TYPE PRESS-FIT DIODE
HD3520 WTE-HD3520 Datasheet
31Kb / 2P
35A GLASS PASSIVATED AVALANCHE HITACHI TYPE PRESS-FIT DIODE
HD5000 WTE-HD5000 Datasheet
32Kb / 2P
50A GLASS PASSIVATED HITACHI TYPE PRESS-FIT DIODE
HD5020 WTE-HD5020 Datasheet
31Kb / 2P
50A GLASS PASSIVATED AVALANCHE HITACHI TYPE PRESS-FIT DIODE
TC3500 WTE-TC3500_14 Datasheet
32Kb / 2P
35A GLASS PASSIVATED 5/16 TIN CAN PRESS-FIT DIODE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com