Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A31-1 Datasheet (PDF) - Tyco Electronics

A31-1 Datasheet PDF - Tyco Electronics
Part # A31-1
Download  A31-1 Download
File Size   108.83 Kbytes
Page   1 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description 10 TO 2000 MHz CECASCADABLE AMPLIFIER

A31-1 Datasheet (PDF)

Go To PDF Page Download Datasheet
A31-1 Datasheet PDF - Tyco Electronics

Part # A31-1
Download  A31-1 Click to download

File Size   108.83 Kbytes
Page   1 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description 10 TO 2000 MHz CECASCADABLE AMPLIFIER

A31-1 Datasheet (HTML) - Tyco Electronics


A31-1 Product details

Description
The A31-1 RF amplifier is a discrete hybrid design, which uses thin film manufacturing processes for accurate performance and high reliability.
This single stage bipolar transistor feedback amplifier design displays impressive performance over a broadband frequency range. Both TO-8 and Surface Mount packages are Hermetically sealed, and MIL-STD-883 environmental screening is available.

Features
• LOW NOISE: <3.5 dB (TYP.)
• LOW VSWR: 1.5:1 (TYP.)




Similar Part No. - A31-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A31-1 MACOM-A31-1 Datasheet
378Kb / 2P
Cascadable Amplifier 10 to 2000 MHz
logo
M/A-COM Technology Solu...
A31-1 MA-COM-A31-1 Datasheet
1Mb / 2P
Cascadable Amplifier 100 to 2000 MHz
A31-1 MA-COM-A31-1 Datasheet
641Kb / 3P
Cascadable Amplifier
A31-1-SMA31-1 MA-COM-A31-1-SMA31-1 Datasheet
1Mb / 2P
Cascadable Amplifier
logo
Tyco Electronics
A31-1 MACOM-A31-1_1 Datasheet
378Kb / 2P
Cascadable Amplifier 10 to 2000 MHz
More results


Similar Description - A31-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A35 MACOM-A35 Datasheet
106Kb / 1P
10 TO 2000 MHz CASCADABLE AMPLIFIER
A33 MACOM-A33 Datasheet
365Kb / 2P
Cascadable Amplifier 10 to 2000 MHz
A35 MACOM-A35_1 Datasheet
379Kb / 2P
Cascadable Amplifier 10 to 2000 MHz
A37 MACOM-A37_1 Datasheet
376Kb / 2P
Cascadable Amplifier 10 to 2000 MHz
A38 MACOM-A38_1 Datasheet
381Kb / 2P
Cascadable Amplifier 10 to 2000 MHz
logo
M/A-COM Technology Solu...
SMA33 MA-COM-SMA33 Datasheet
1Mb / 2P
Cascadable Amplifier 10 to 2000 MHz
SMA35 MA-COM-SMA35 Datasheet
1Mb / 2P
Cascadable Amplifier 10 to 2000 MHz
SMA36 MA-COM-SMA36 Datasheet
1Mb / 2P
Cascadable Amplifier 10 to 2000 MHz
SMA37 MA-COM-SMA37 Datasheet
1Mb / 2P
Cascadable Amplifier 10 to 2000 MHz
logo
Teledyne Technologies I...
AC2039 TELEDYNE-AC2039 Datasheet
180Kb / 2P
10 TO 2000 MHz 10 TO 2000 MHz
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com