Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PF7006 Datasheet (PDF) - Won-Top Electronics

PF7006 Datasheet PDF - Won-Top Electronics
Part # PF7006
Download  PF7006 Download
File Size   32.54 Kbytes
Page   2 Pages
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics
Description 70A 1/2 PRESS-FIT DIODE

PF7006 Datasheet (PDF)

Go To PDF Page Download Datasheet
PF7006 Datasheet PDF - Won-Top Electronics

Part # PF7006
Download  PF7006 Click to download

File Size   32.54 Kbytes
Page   2 Pages
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics
Description 70A 1/2 PRESS-FIT DIODE

PF7006 Datasheet (HTML) - Won-Top Electronics


PF7006 Product details

Features
● Diffused Junction
● Low Leakage
● Low Cost
● High Surge Current Capability
● Typical IR less than 5.0µA




Similar Part No. - PF7006

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
PF7006G WTE-PF7006G Datasheet
40Kb / 2P
70A GLASS PASSIVATED 1/2” PRESS-FIT DIODE
October, 2019
More results


Similar Description - PF7006

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
PF2500 WTE-PF2500 Datasheet
23Kb / 2P
25A 1/2 PRESS-FIT DIODE
PF3500 WTE-PF3500 Datasheet
23Kb / 2P
35A 1/2 PRESS-FIT DIODE
PF5000 WTE-PF5000 Datasheet
23Kb / 2P
50A 1/2 PRESS-FIT DIODE
PF2500 WTE-PF2500_06 Datasheet
30Kb / 2P
25A 1/2" PRESS-FIT DIODE
PF3500 WTE-PF3500_06 Datasheet
30Kb / 2P
35A 1/2" PRESS-FIT DIODE
PF5000 WTE-PF5000 Datasheet
30Kb / 2P
50A 1/2 PRESS-FIT DIODE
MD7000 WTE-MD7000 Datasheet
32Kb / 2P
70A MOTOROLA TYPE PRESS-FIT DIODE
PF2500 WTE-PF2500_14 Datasheet
32Kb / 2P
25A 1/2??PRESS-FIT DIODE
PF3500 WTE-PF3500_14 Datasheet
32Kb / 2P
35A 1/2??PRESS-FIT DIODE
PF5000 WTE-PF5000_14 Datasheet
32Kb / 2P
50A 1/2 PRESS-FIT DIODE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com