Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPG152TA Datasheet (PDF) - NEC

UPG152TA Datasheet PDF - NEC
Part # UPG152TA
Download  UPG152TA Download
File Size   83.3 Kbytes
Page   12 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description L-BAND SPDT SWITCH

UPG152TA Datasheet (PDF)

Go To PDF Page Download Datasheet
UPG152TA Datasheet PDF - NEC

Part # UPG152TA
Download  UPG152TA Click to download

File Size   83.3 Kbytes
Page   12 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description L-BAND SPDT SWITCH

UPG152TA Datasheet (HTML) - NEC


UPG152TA Product details

DESCRIPTION
The PPG152TA is an L-band SPDT (Single Pole Double Throw) GaAs FET switch which was developed for digital cellular or cordless telephone application. The device can operate from 100 MHz to 2.5 GHz, having the low insertion loss.
It housed in as original 6 pin mini-mold that is smaller than usual 8 pin SSOP and easy to install and contributes to miniaturizing the system. It can be used in wide-band switching applications.

FEATURES
• Low insertion loss : LINS = 0.6 dB typ. @ f = 2 GHz
• High power switching : Pin (1 dB) = +30 dBm typ. @ VCONT = +3.0 V/0 V, f = 2 GHz
• Small 6 pin mini-mold

APPLICATION
• Digital cordless telephone : PHS, DECT, PCS etc.
• Digital hand-held cellular phone: PDC Antenna diversity etc.




Similar Part No. - UPG152TA

ManufacturerPart #DatasheetDescription
logo
NEC
UPG152TA-E3 NEC-UPG152TA-E3 Datasheet
47Kb / 4P
L, S BAND SPDT GaAs MMIC SWITCH
UPG152TA NEC-UPG152TA_01 Datasheet
47Kb / 4P
L, S BAND SPDT GaAs MMIC SWITCH
More results


Similar Description - UPG152TA

ManufacturerPart #DatasheetDescription
logo
NEC
UPG132G NEC-UPG132G Datasheet
111Kb / 14P
L-BAND SPDT SWITCH
UPG133G NEC-UPG133G Datasheet
87Kb / 12P
L-BAND SPDT SWITCH
UPG137GV NEC-UPG137GV Datasheet
108Kb / 12P
L-BAND SPDT SWITCH
UPG138GV NEC-UPG138GV Datasheet
64Kb / 8P
L-BAND SPDT SWITCH
UPG153TB NEC-UPG153TB Datasheet
56Kb / 8P
L-BAND SPDT SWITCH
UPG154TB NEC-UPG154TB Datasheet
94Kb / 16P
L-BAND SPDT SWITCH
UPG155TB NEC-UPG155TB Datasheet
68Kb / 12P
L-BAND SPDT SWITCH
UPG2012TB NEC-UPG2012TB_1 Datasheet
72Kb / 9P
L-BAND SPDT SWITCH
UPG2012TK NEC-UPG2012TK_1 Datasheet
109Kb / 9P
L-BAND SPDT SWITCH
logo
California Eastern Labs
UPG2012TB CEL-UPG2012TB Datasheet
266Kb / 8P
L-BAND SPDT SWITCH
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com