Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A80-1 Datasheet (PDF) - Tyco Electronics

A80-1 Datasheet PDF - Tyco Electronics
Part # A80-1
Download  A80-1 Download
File Size   100.09 Kbytes
Page   1 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description 10 TO 200 MHz CASCADABLE AMPLIFIER

A80-1 Datasheet (PDF)

Go To PDF Page Download Datasheet
A80-1 Datasheet PDF - Tyco Electronics

Part # A80-1
Download  A80-1 Click to download

File Size   100.09 Kbytes
Page   1 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description 10 TO 200 MHz CASCADABLE AMPLIFIER

A80-1 Datasheet (HTML) - Tyco Electronics


A80-1 Product details

Description
The A80-1 RF amplifier is a discrete hybrid design, which uses thin film manufacturing processes for accurate performance and high reliability.
The 2 stage silicon bipolar feedback amplifier design displays impressive performance over a broadband frequency range. An isolation transformer is used in the feedback loop, with the benefit of high reverse isolation.
Both TO-8 and Surface Mount packages are hermetically sealed, and MIL-STD-883 environmental screening is available.

Features
• HIGH REVERSE ISOLATION: >32 dB (TYP.)
• VERY LOW NOISE: 2.0 dB (TYP.)
• HIGH GAIN: 27.3 dB (TYP.)
• HIGH EFFICIENCY: 29 mA AT 15 VOLTS (TYP.)




Similar Part No. - A80-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A80-1 MACOM-A80-1 Datasheet
381Kb / 2P
Cascadable Amplifier 10 to 200 MHz
logo
M/A-COM Technology Solu...
A80-1 MA-COM-A80-1 Datasheet
1Mb / 2P
Cascadable Amplifier
A80-1 MA-COM-A80-1 Datasheet
644Kb / 3P
Cascadable Amplifier
A80-1-SMA80-1 MA-COM-A80-1-SMA80-1 Datasheet
1Mb / 2P
Cascadable Amplifier
logo
Tyco Electronics
A80-1 MACOM-A80-1_1 Datasheet
381Kb / 2P
Cascadable Amplifier 10 to 200 MHz
More results


Similar Description - A80-1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AC293 ETC1-AC293 Datasheet
68Kb / 2P
10 TO 200 MHz TO-8 CASCADABLE AMPLIFIER
logo
Tyco Electronics
A71 MACOM-A71 Datasheet
352Kb / 2P
Cascadable Amplifier 5 to 200 MHz
A80-1 MACOM-A80-1_1 Datasheet
381Kb / 2P
Cascadable Amplifier 10 to 200 MHz
logo
Teledyne Technologies I...
AC251 TELEDYNE-AC251 Datasheet
210Kb / 2P
10 TO 200 MHz TO-8 CASCADABLE AMPLIFIER
logo
M/A-COM Technology Solu...
SMPA38-2 MA-COM-SMPA38-2 Datasheet
1Mb / 2P
Cascadable Amplifier 200 to 2600 MHz
A71 MA-COM-A71 Datasheet
1Mb / 2P
Cascadable Amplifier 5 to 200 MHz
logo
Teledyne Technologies I...
AP294 TELEDYNE-AP294 Datasheet
180Kb / 2P
10 TO 200 MHz TO-8 CASCADABLE AMPLIFIER
UTOUTC0210 TELEDYNE-UTOUTC0210 Datasheet
153Kb / 5P
Thin-Film Cascadable Amplifier 10 to 200 MHz
UTOUTC0211 TELEDYNE-UTOUTC0211 Datasheet
149Kb / 5P
Thin-Film Cascadable Amplifier Module 10 to 200 MHz
UTOUTC0221 TELEDYNE-UTOUTC0221 Datasheet
149Kb / 6P
Thin-Film Cascadable Amplifier 10 to 200 MHz
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com