Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M306V0ME Datasheet (PDF) - Mitsubishi Electric Semiconductor

M306V0ME Datasheet PDF - Mitsubishi Electric Semiconductor
Part # M306V0ME
Download  M306V0ME Download
File Size   2385.07 Kbytes
Page   256 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER

M306V0ME Datasheet (PDF)

Go To PDF Page Download Datasheet
M306V0ME Datasheet PDF - Mitsubishi Electric Semiconductor

Part # M306V0ME
Download  M306V0ME Click to download

File Size   2385.07 Kbytes
Page   256 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER

M306V0ME Datasheet (HTML) - Mitsubishi Electric Semiconductor


M306V0ME Product details

DESCRIPTION
The M306V0ME-XXXFP and M306V0EEFP are single-chip microcomputers using the high-performance silicon gate CMOS process using a M16C/60 Series CPU core and are packaged in a 100-pin plastic molded QFP. These single-chip microcomputers operate using sophisticated instructions featuring a high level of instruction efficiency. With 1M bytes of address space, they are capable of executing instructions at high speed. They also feature a built-in OSD display function and data slicer, making them ideal for controlling TV with a closed caption decoder.
The features of the M306V0EEFP are similar to those of the M306V0ME-XXXFP except that this chip has a built-in PROM which can be written electrically.

Features
• Memory size ........................................<ROM>192K bytes
                                                                <RAM> 5K bytes
                                                                <OSD ROM> 44K bytes
                                                                <OSD RAM> 1.7K bytes
• Shortest instruction execution time ......100 ns (f(XIN)=10 MHz)
• Power sourse voltage ..........................4.5 V to 5.5V
• Power consumption .............................250 mW
• Interrupts..............................................20 internal and 3 external interrupt sources, 4 software
                                                                interrupt sources; 7 levels
• Multifunction 16-bit timer......................2 output timers + 3 input timers + 3 timers
• Serial I/O ..............................................2 unit
                                                                UART/clock synchronous: 1
                                                                UART/clock synchronous/simple I2C-BUS interface (2 systems): 1
• DMAC ..................................................2 channels (trigger: 21 sources)
• A-D converter.......................................8 bits ✕ 6 channels
• D-A converter.......................................8 bits ✕ 2 channels
• Data slicer ............................................1 circuit
• HSYNC counter .....................................1 circuit (2 systems)
• OSD function .......................................1 circuit
• Watchdog timer....................................1 circuit
• Programmable I/O ...............................78 lines
• Memory expansion ..............................Available
• Chip select output ................................4 lines
• Clock generating circuit .......................3 built-in clock generation circuits

Applications
   TV with a closed caption decoder




Similar Part No. - M306V0ME

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M306V2 MITSUBISHI-M306V2 Datasheet
1Mb / 276P
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER?
M306V2EEFP MITSUBISHI-M306V2EEFP Datasheet
1Mb / 276P
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER?
logo
Renesas Technology Corp
M306V2EEFP RENESAS-M306V2EEFP Datasheet
2Mb / 271P
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
logo
Mitsubishi Electric Sem...
M306V2EEFS MITSUBISHI-M306V2EEFS Datasheet
1Mb / 276P
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER?
logo
Renesas Technology Corp
M306V2EEFS RENESAS-M306V2EEFS Datasheet
2Mb / 271P
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
More results


Similar Description - M306V0ME

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M306V2ME MITSUBISHI-M306V2ME Datasheet
1Mb / 276P
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER?
M306V5ME MITSUBISHI-M306V5ME Datasheet
1Mb / 262P
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER?
M37271MF MITSUBISHI-M37271MF Datasheet
1Mb / 97P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER???
M37267 MITSUBISHI-M37267 Datasheet
5Mb / 80P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER WITH CLOSED CAPTION DECODER AND ON-SCREEN DISPLAY CONTROLLER
M306V5ME-XXXSP MITSUBISHI-M306V5ME-XXXSP Datasheet
2Mb / 262P
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
logo
Renesas Technology Corp
6V7 RENESAS-6V7 Datasheet
2Mb / 298P
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
M306V2ME-XXXFP RENESAS-M306V2ME-XXXFP Datasheet
2Mb / 271P
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
M306V5ME-XXXSP RENESAS-M306V5ME-XXXSP Datasheet
2Mb / 263P
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
M306V7MG RENESAS-M306V7MG_15 Datasheet
2Mb / 300P
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
M3727GM6 RENESAS-M3727GM6_15 Datasheet
1Mb / 131P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com