Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT90-0001 Datasheet (PDF) - Tyco Electronics

AT90-0001 Datasheet PDF - Tyco Electronics
Part # AT90-0001
Download  AT90-0001 Download
File Size   239.22 Kbytes
Page   3 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Digital Attenuator, 31.0 dB, 5-Bit, TTL Driver, DC-6.0 GHz

AT90-0001 Datasheet (PDF)

Go To PDF Page Download Datasheet
AT90-0001 Datasheet PDF - Tyco Electronics

Part # AT90-0001
Download  AT90-0001 Click to download

File Size   239.22 Kbytes
Page   3 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Digital Attenuator, 31.0 dB, 5-Bit, TTL Driver, DC-6.0 GHz

AT90-0001 Datasheet (HTML) - Tyco Electronics


AT90-0001 Product details

Description
M/A-COM’s AT90-0001 is a GaAs FET 5-bit digital attenuator with an integral TTL driver. Step size is 1.0 dB providing 31 dB total attenuation range. This device is in a 32 lead FQFP-N surface mount package. Due to superior grounding techniques this digital attenuator offers superior performance to 6 GHz. The AT90-0001 is ideally suited for use where accuracy, fast speed, very low power consumption and low costs are required.

Features
● Attenuation: 1.0 dB Steps to 31 dB
● High Accuracy to 6 GHz
● Small Footprint, JEDEC Package
● Integral TTL driver
● 50 ohm impedance
● Test boards are available
● Tape and Reel Packaging Available




Similar Part No. - AT90-0001

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AT90-0001 MACOM-AT90-0001 Datasheet
238Kb / 4P
Digital Attenuator 31.0dB, 5-Bit, TTL Driver, DC-6.0 GHz
logo
M/A-COM Technology Solu...
AT90-0001 MA-COM-AT90-0001 Datasheet
146Kb / 4P
Digital Attenuator, 31.0 dB, 5-Bit, TTL Driver, DC-6.0 GHz
logo
Tyco Electronics
AT90-0001-TB MACOM-AT90-0001-TB Datasheet
238Kb / 4P
Digital Attenuator 31.0dB, 5-Bit, TTL Driver, DC-6.0 GHz
logo
M/A-COM Technology Solu...
AT90-0001-TB MA-COM-AT90-0001-TB Datasheet
146Kb / 4P
Digital Attenuator, 31.0 dB, 5-Bit, TTL Driver, DC-6.0 GHz
logo
Tyco Electronics
AT90-0001TR MACOM-AT90-0001TR Datasheet
238Kb / 4P
Digital Attenuator 31.0dB, 5-Bit, TTL Driver, DC-6.0 GHz
More results


Similar Description - AT90-0001

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAD-007083-000100 MACOM-MAAD-007083-000100 Datasheet
241Kb / 4P
Digital Attenuator 31.0 dB, 5-Bit, TTL Driver, DC-6.0 GHz
AT90-1263 MACOM-AT90-1263 Datasheet
775Kb / 6P
Digital Attenuator 31.0 dB, 5-Bit, TTL Driver, DC-3.0 GHz
logo
M/A-COM Technology Solu...
AT20-0263 MA-COM-AT20-0263 Datasheet
116Kb / 4P
Digital Attenuator 31.0 dB, 5-Bit, TTL Driver, DC-2.0 GHz
MAATCC0007 MA-COM-MAATCC0007 Datasheet
140Kb / 6P
Digital Attenuator 31.0 dB, 5-Bit, TTL Driver, DC-2.0 GHz
AT-263-PIN MA-COM-AT-263-PIN Datasheet
123Kb / 4P
Digital Attenuator 31.0 dB, 5-Bit, TTL Driver, DC-2.0 GHz
AT90-0001 MA-COM-AT90-0001 Datasheet
146Kb / 4P
Digital Attenuator, 31.0 dB, 5-Bit, TTL Driver, DC-6.0 GHz
AT90-0263 MA-COM-AT90-0263 Datasheet
157Kb / 6P
Digital Attenuator 31.0 dB, 5-Bit, TTL Driver, DC-3.0 GHz
MAAD-007083-000100 MA-COM-MAAD-007083-000100 Datasheet
147Kb / 4P
Digital Attenuator, 31.0 dB, 5-Bit, TTL Driver, DC-6.0 GHz
MAAD-007078-000100 MA-COM-MAAD-007078-000100 Datasheet
161Kb / 6P
Digital Attenuator 31.0 dB, 5-Bit, TTL Driver, DC-3.0 GHz
MAAD-007083-000100 MA-COM-MAAD-007083-000100 Datasheet
147Kb / 4P
Digital Attenuator, 31.0 dB, 5-Bit, TTL Driver, DC-6.0 GHz
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com