Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2515D51 Datasheet (PDF) - Integrated Technology Future

2515D51 Datasheet PDF - Integrated Technology Future
Part # 2515D51
Download  2515D51 Download
File Size   157.47 Kbytes
Page   3 Pages
Manufacturer  ITF [Integrated Technology Future]
Direct Link  http://www.itf.co.kr
Logo ITF - Integrated Technology Future
Description Typical 3dB bandwidth of 14.5 MHz

2515D51 Datasheet (PDF)

Go To PDF Page Download Datasheet
2515D51 Datasheet PDF - Integrated Technology Future

Part # 2515D51
Download  2515D51 Click to download

File Size   157.47 Kbytes
Page   3 Pages
Manufacturer  ITF [Integrated Technology Future]
Direct Link  http://www.itf.co.kr
Logo ITF - Integrated Technology Future
Description Typical 3dB bandwidth of 14.5 MHz

2515D51 Datasheet (HTML) - Integrated Technology Future




Similar Part No. - 2515D51

ManufacturerPart #DatasheetDescription
logo
fivi STOP
2515DD06-70 FIVISTOP-2515DD06-70 Datasheet
87Kb / 1P
Bobbin Mounts - Type DD (Female - Female)
Issue 1
More results


Similar Description - 2515D51

ManufacturerPart #DatasheetDescription
logo
Integrated Technology F...
212004B ITF-212004B Datasheet
164Kb / 2P
Typical 1dB bandwidth of 19.6 MHz
Rev 1.0 2013. 04. 15
220904B ITF-220904B Datasheet
194Kb / 2P
Typical 1dB bandwidth of 9.75 MHz
Rev 1.0 2010. 09. 14
220952B ITF-220952B Datasheet
188Kb / 2P
Typical 1dB bandwidth of 9.5 MHz
Rev 1.0 2011. 05. 27
220953B ITF-220953B Datasheet
194Kb / 2P
Typical 1dB bandwidth of 9.5 MHz
Rev 1.0 2013. 03. 25
231657B ITF-231657B Datasheet
171Kb / 2P
Typical 1dB bandwidth of 16.25 MHz
Rev 1.0 2011. 10. 25
250928B ITF-250928B Datasheet
168Kb / 2P
Typical 1dB bandwidth of 9.3 MHz
250960B ITF-250960B Datasheet
184Kb / 2P
Typical 1dB bandwidth of 9.3 MHz
Rev 1.0 2013. 05. 06
250962B ITF-250962B Datasheet
175Kb / 2P
Typical 1dB bandwidth of 9.2 MHz
Rev 1.0 2013. 03. 27
251016B ITF-251016B Datasheet
161Kb / 2P
Typical 1dB bandwidth of 10.4 MHz
251161B ITF-251161B Datasheet
160Kb / 2P
Typical 1dB bandwidth of 10.7 MHz
Rev 1.0 2013. 04. 01
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com