Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS-808-4 Datasheet (PDF) - Tyco Electronics

DS-808-4 Datasheet PDF - Tyco Electronics
Part # DS-808-4
Download  DS-808-4 Download
File Size   135.41 Kbytes
Page   2 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Broadband Eight-Way Power Divider 20 - 2000 MHz

DS-808-4 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS-808-4 Datasheet PDF - Tyco Electronics

Part # DS-808-4
Download  DS-808-4 Click to download

File Size   135.41 Kbytes
Page   2 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Broadband Eight-Way Power Divider 20 - 2000 MHz

DS-808-4 Datasheet (HTML) - Tyco Electronics




Similar Part No. - DS-808-4

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
DS-808-4 MA-COM-DS-808-4 Datasheet
66Kb / 2P
Broadband Eight -Way Power Divider, 20 - 2000 MHz
DS-808-4 MA-COM-DS-808-4 Datasheet
66Kb / 2P
Broadband Eight -Way Power Divider
DS-808-4BNC MA-COM-DS-808-4BNC Datasheet
66Kb / 2P
Broadband Eight -Way Power Divider, 20 - 2000 MHz
DS-808-4N MA-COM-DS-808-4N Datasheet
66Kb / 2P
Broadband Eight -Way Power Divider, 20 - 2000 MHz
DS-808-4SMA MA-COM-DS-808-4SMA Datasheet
66Kb / 2P
Broadband Eight -Way Power Divider, 20 - 2000 MHz
More results


Similar Description - DS-808-4

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
DS-309 MACOM-DS-309 Datasheet
123Kb / 1P
Eight-Way Power Divider 2 - 500 MHz
DS-332 MACOM-DS-332 Datasheet
117Kb / 2P
Two-Way Power Divider 1000 - 2000 MHz
DS-4-4 MACOM-DS-4-4 Datasheet
101Kb / 2P
Broadband Four-Way Power Divider 2 - 2000 MHz
DS-409-4 MACOM-DS-409-4 Datasheet
141Kb / 2P
Four-Way Power Divider 10 - 2000 MHz
logo
M/A-COM Technology Solu...
DS-4-4 MA-COM-DS-4-4 Datasheet
72Kb / 2P
Broadband Four -Way Power Divider, 2 - 2000 MHz
DS-309 MA-COM-DS-309 Datasheet
58Kb / 2P
Eight-Way Power Divider, 2 - 500 MHz
DS-808-4 MA-COM-DS-808-4 Datasheet
66Kb / 2P
Broadband Eight -Way Power Divider, 20 - 2000 MHz
DSS-313 MA-COM-DSS-313 Datasheet
73Kb / 3P
Two-Way Power Divider, 10 - 2000 MHz
DS-309 MA-COM-DS-309 Datasheet
58Kb / 2P
Eight-Way Power Divider
DS-808-4 MA-COM-DS-808-4 Datasheet
66Kb / 2P
Broadband Eight -Way Power Divider
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com