| Manufacturer | Part # | Datasheet | Description |
 Integrated Technology F... |
212004B
|
164Kb / 2P |
Typical 1dB bandwidth of 19.6 MHz
Rev 1.0 2013. 04. 15 |
|
220904B
|
194Kb / 2P |
Typical 1dB bandwidth of 9.75 MHz
Rev 1.0 2010. 09. 14 |
|
220952B
|
188Kb / 2P |
Typical 1dB bandwidth of 9.5 MHz
Rev 1.0 2011. 05. 27 |
|
220953B
|
194Kb / 2P |
Typical 1dB bandwidth of 9.5 MHz
Rev 1.0 2013. 03. 25 |
|
231657B
|
171Kb / 2P |
Typical 1dB bandwidth of 16.25 MHz
Rev 1.0 2011. 10. 25 |
|
250928B
|
168Kb / 2P |
Typical 1dB bandwidth of 9.3 MHz
|
|
250960B
|
184Kb / 2P |
Typical 1dB bandwidth of 9.3 MHz
Rev 1.0 2013. 05. 06 |
|
251506B
|
167Kb / 2P |
Typical 1.5dB bandwidth of 15.12 MHz
|
|
250222B
|
168Kb / 2P |
Typical 1.5dB bandwidth of 2.7 MHz
|
|
252510B
|
184Kb / 2P |
Typical 1.5dB bandwidth of 24.9 MHz
|