Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS55-0003 Datasheet (PDF) - Tyco Electronics

DS55-0003 Datasheet PDF - Tyco Electronics
Part # DS55-0003
Download  DS55-0003 Download
File Size   27.27 Kbytes
Page   2 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Low Cost Five-Way GMIC SMT Power Divider 1850-1990 MHz

DS55-0003 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS55-0003 Datasheet PDF - Tyco Electronics

Part # DS55-0003
Download  DS55-0003 Click to download

File Size   27.27 Kbytes
Page   2 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Low Cost Five-Way GMIC SMT Power Divider 1850-1990 MHz

DS55-0003 Datasheet (HTML) - Tyco Electronics


DS55-0003 Product details

Description

M/A-COM’s DS55-0003 is an IC-based monolithic power divider using M/A-COM’s GMIC technology in a low cost SOIC-16 plastic package. This 5-way power divider is ideally suited for applications where PCB real estate is at a premium and part count reduction and cost are critical. Typical applications include base station switching networks and other cellular equipment, including subscriber units. Available in tape and reel.



Features

• Small Size, Low Profile

• Superior Repeatability (Lot-to-Lot Variation)

• Industry Standard SOIC-16 SMT Plastic Package

• Typical Isolation: 28 dB

• Typical Insertion Loss: 0.7 dB

• Low Cost

• 1 Watt Power Handling



 




Similar Part No. - DS55-0003

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
DS55-0004 MACOM-DS55-0004 Datasheet
28Kb / 2P
Low Cost Five-Way GMIC SMT Power Divider 824-896 MHz
logo
M/A-COM Technology Solu...
DS55-0004 MA-COM-DS55-0004 Datasheet
89Kb / 3P
Low Cost Five-Way GMIC SMT Power Divider 824-896 MHz
logo
Tyco Electronics
DS55-0004-RTR MACOM-DS55-0004-RTR Datasheet
28Kb / 2P
Low Cost Five-Way GMIC SMT Power Divider 824-896 MHz
logo
M/A-COM Technology Solu...
DS55-0004-TB MA-COM-DS55-0004-TB Datasheet
89Kb / 3P
Low Cost Five-Way GMIC SMT Power Divider 824-896 MHz
logo
Tyco Electronics
DS55-0004-TR MACOM-DS55-0004-TR Datasheet
28Kb / 2P
Low Cost Five-Way GMIC SMT Power Divider 824-896 MHz
More results


Similar Description - DS55-0003

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
DS53-0005 MACOM-DS53-0005 Datasheet
59Kb / 2P
Low Cost Three-Way GMIC SMT Power Divider 1850 . 1990 MHz
DS55-0004 MACOM-DS55-0004 Datasheet
28Kb / 2P
Low Cost Five-Way GMIC SMT Power Divider 824-896 MHz
logo
M/A-COM Technology Solu...
DS52-0002 MA-COM-DS52-0002 Datasheet
129Kb / 4P
Low Cost Two-Way SMT Power Divider, 1850 - 1990 MHz
DS53-0005 MA-COM-DS53-0005 Datasheet
92Kb / 3P
Low Cost Three-Way GMIC SMT Power Divider, 1850 - 1990 MHz
DS55-0004 MA-COM-DS55-0004 Datasheet
89Kb / 3P
Low Cost Five-Way GMIC SMT Power Divider 824-896 MHz
MAPDCC0002 MA-COM-MAPDCC0002 Datasheet
129Kb / 4P
Low Cost Two-Way SMT Power Divider, 1850 - 1990 MHz
MAPDCC0006 MA-COM-MAPDCC0006 Datasheet
94Kb / 3P
Low Cost Three-Way GMIC SMT Power Divider, 1850 - 1990 MHz
MAPDCC0015 MA-COM-MAPDCC0015 Datasheet
107Kb / 3P
Low Cost Five-Way GMIC SMT Power Divider 1850-1990 MHz
MAPDCC0015 MA-COM-MAPDCC0015 Datasheet
107Kb / 3P
Low Cost Five-Way GMIC SMT Power Divider
MAPDCC0015 MA-COM-MAPDCC0015_15 Datasheet
499Kb / 4P
Low Cost Five-Way GMIC SMT Power Divider
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com