Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMDC-20-1 Datasheet (PDF) - Tyco Electronics

EMDC-20-1 Datasheet PDF - Tyco Electronics
Part # EMDC-20-1
Download  EMDC-20-1 Download
File Size   56.9 Kbytes
Page   1 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description E-Series Coupler 350 - 450 MHz

EMDC-20-1 Datasheet (PDF)

Go To PDF Page Download Datasheet
EMDC-20-1 Datasheet PDF - Tyco Electronics

Part # EMDC-20-1
Download  EMDC-20-1 Click to download

File Size   56.9 Kbytes
Page   1 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description E-Series Coupler 350 - 450 MHz

EMDC-20-1 Datasheet (HTML) - Tyco Electronics




Similar Part No. - EMDC-20-1

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
EMDC-20-1 MA-COM-EMDC-20-1 Datasheet
45Kb / 2P
E-Series Coupler 350 - 450 MHz
EMDC-20-1TR MA-COM-EMDC-20-1TR Datasheet
45Kb / 2P
E-Series Coupler 350 - 450 MHz
More results


Similar Description - EMDC-20-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
EMDC-10-1-75 MACOM-EMDC-10-1-75 Datasheet
57Kb / 1P
E-Series Coupler 5 - 1000 MHz
EMDC-8-1-75 MACOM-EMDC-8-1-75 Datasheet
57Kb / 1P
E-Series Coupler 5 - 900 MHz
EMDC-10-1 MACOM-EMDC-10-1_1 Datasheet
56Kb / 2P
E-Series Coupler 5-1000 MHz
MACP-007984-MDC201 MACOM-MACP-007984-MDC201 Datasheet
47Kb / 2P
E-Series Coupler 350 - 450 MHz
logo
M/A-COM Technology Solu...
MACP-007984-MDC201 MA-COM-MACP-007984-MDC201 Datasheet
45Kb / 2P
E-Series Coupler 350 - 450 MHz
EMDC-20-1 MA-COM-EMDC-20-1 Datasheet
45Kb / 2P
E-Series Coupler 350 - 450 MHz
logo
Johanson Technology Inc...
0450CP14A0040 JOHANSON-0450CP14A0040 Datasheet
133Kb / 2P
450 MHz Directional Coupler
logo
Yantel Corporation
DC0410U20-060 YANTEL-DC0410U20-060 Datasheet
303Kb / 4P
Directional Coupler 350 MHz-470 MHz
logo
Ultralife Corporation.
A-320V1-H ULTRALIFE-A-320V1-H Datasheet
300Kb / 2P
20-Watt 350-450 MHz Amplifier
4/8/11
A-320V1-HKT ULTRALIFE-A-320V1-HKT Datasheet
780Kb / 2P
350-450 MHz Amplifier Kit
5/30/14
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com