Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESJ-4-2-75 Datasheet (PDF) - Tyco Electronics

ESJ-4-2-75 Datasheet PDF - Tyco Electronics
Part # ESJ-4-2-75
Download  ESJ-4-2-75 Download
File Size   188.53 Kbytes
Page   2 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description E-Series 4-Way 0 Power Divider 5 - 1000 MHz

ESJ-4-2-75 Datasheet (PDF)

Go To PDF Page Download Datasheet
ESJ-4-2-75 Datasheet PDF - Tyco Electronics

Part # ESJ-4-2-75
Download  ESJ-4-2-75 Click to download

File Size   188.53 Kbytes
Page   2 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description E-Series 4-Way 0 Power Divider 5 - 1000 MHz

ESJ-4-2-75 Datasheet (HTML) - Tyco Electronics


ESJ-4-2-75 Product details

Description
M/A-COM’s ESJ-4-2-75 is a Low Cost, Broadband, high performance Power Divider for use in high volume CATV applications. ESJ-4-2-75 is available in an SM-46 surface mount package and reflows using standard soldering reflow profiles.

Features
• 4 Way
• 0 Degree
• Surface Mount Package
• Available on Tape and Reel




Similar Part No. - ESJ-4-2-75

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
ESJ-4-2-75 MA-COM-ESJ-4-2-75 Datasheet
188Kb / 2P
E-Series 4-Way 0� Power Divider 5 -1000 MHz
More results


Similar Description - ESJ-4-2-75

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
ES-4-7 MACOM-ES-4-7 Datasheet
39Kb / 1P
E-Series 4-Way 0 Power Divider 5 - 750 MHz
ESJ-4-1-75 MACOM-ESJ-4-1-75 Datasheet
39Kb / 1P
E-Series 4-Way 0 Power Divider 5 - 1000 MHz
ESJ-4-3-75 MACOM-ESJ-4-3-75 Datasheet
201Kb / 4P
E-Series 4-Way 0 Differential Power Divider 5 - 872 MHz
ESML-2-4 MACOM-ESML-2-4 Datasheet
32Kb / 1P
E-Series 2-Way 0 Power Divider 10 - 1000 MHz
ESSM-2-2-75 MACOM-ESSM-2-2-75 Datasheet
29Kb / 1P
E-Series 2-Way 0 Power Divider 5 - 1000 MHz
ESSM-2-7-75 MACOM-ESSM-2-7-75 Datasheet
45Kb / 1P
E-Series 2-Way 0 Power Divider 40 - 1000 MHz
ESSM-2-8-75 MACOM-ESSM-2-8-75 Datasheet
175Kb / 2P
E-Series 2-Way 0 Power Divider 5 - 1000 MHz
ESSMJ-2-10-75 MACOM-ESSMJ-2-10-75 Datasheet
37Kb / 1P
E-Series 2-Way 0 Power Divider 5 - 1000 MHz
ESSMJ-2-12-75 MACOM-ESSMJ-2-12-75 Datasheet
159Kb / 2P
E-Series 2-Way 0 Power Divider 5 - 1000 MHz
logo
M/A-COM Technology Solu...
ESJ-4-2-75 MA-COM-ESJ-4-2-75 Datasheet
188Kb / 2P
E-Series 4-Way 0� Power Divider 5 -1000 MHz
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com