Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDC10318 Datasheet (PDF) - Integrated Technology Future

IDC10318 Datasheet PDF - Integrated Technology Future
Part # IDC10318
Download  IDC10318 Download
File Size   129.83 Kbytes
Page   4 Pages
Manufacturer  ITF [Integrated Technology Future]
Direct Link  http://www.itf.co.kr
Logo ITF - Integrated Technology Future
Description Usable bandwidth 15 MHz each Tx. And Rx. band

IDC10318 Datasheet (PDF)

Go To PDF Page Download Datasheet
IDC10318 Datasheet PDF - Integrated Technology Future

Part # IDC10318
Download  IDC10318 Click to download

File Size   129.83 Kbytes
Page   4 Pages
Manufacturer  ITF [Integrated Technology Future]
Direct Link  http://www.itf.co.kr
Logo ITF - Integrated Technology Future
Description Usable bandwidth 15 MHz each Tx. And Rx. band

IDC10318 Datasheet (HTML) - Integrated Technology Future




Similar Part No. - IDC10318

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IDC10D120T6M INFINEON-IDC10D120T6M Datasheet
117Kb / 4P
Diode EMCON 4 Medium Power Chip
Edition 0.9, 26.06.07
IDC10D120T8M INFINEON-IDC10D120T8M Datasheet
242Kb / 8P
Emitter Controlled 4 Medium Power Technology
Rev. 2.1, 09.04.2021
More results


Similar Description - IDC10318

ManufacturerPart #DatasheetDescription
logo
Integrated Technology F...
IDD08072 ITF-IDD08072 Datasheet
132Kb / 3P
Usable bandwidth 5 MHz each Rx And Tx. band
Rev. AS01 2014-9-16
IDD08273 ITF-IDD08273 Datasheet
121Kb / 2P
Usable bandwidth 5 MHz each Rx And Tx. band
Rev. AS01 2014-9-16
IDD08468 ITF-IDD08468 Datasheet
121Kb / 2P
Usable bandwidth 10 MHz each Rx. And Tx. band
Rev. AS01 2014-9-16
IDD08870 ITF-IDD08870 Datasheet
272Kb / 3P
Usable bandwidth 25 MHz each Rx And Tx. band
Rev. AS01 2014-9-16
IDD08871 ITF-IDD08871 Datasheet
147Kb / 3P
Usable bandwidth 25 MHz each Rx And Tx. band
Rev. AS01 2014-9-16
IDD09074 ITF-IDD09074 Datasheet
135Kb / 3P
Usable bandwidth 25 MHz each Rx And Tx. band
Rev. AS01 2014-9-16
IDD09175 ITF-IDD09175 Datasheet
134Kb / 3P
Usable bandwidth 10 MHz each Rx And Tx. band
Rev. AS01 2014-9-16
IDD17619 ITF-IDD17619 Datasheet
124Kb / 2P
Usable bandwidth 10 MHz each Rx. And Tx. band
Rev. AS01 2014-8-27
IDD19409 ITF-IDD19409 Datasheet
214Kb / 3P
Usable bandwidth 30 MHz each Rx. And Tx. band
Rev. AS01 2014-8-26
IDD21367 ITF-IDD21367 Datasheet
124Kb / 2P
Usable bandwidth 30 MHz each Rx. And Tx. band
Rev. AS01 2014-9-16
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com