Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA4EX370L-1225 Datasheet (PDF) - Tyco Electronics

MA4EX370L-1225 Datasheet PDF - Tyco Electronics
Part # MA4EX370L-1225
Download  MA4EX370L-1225 Download
File Size   39.15 Kbytes
Page   2 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Low Cost Silicon Double Balanced HMIC Mixer 3.0 - 4.0 GHz

MA4EX370L-1225 Datasheet (PDF)

Go To PDF Page Download Datasheet
MA4EX370L-1225 Datasheet PDF - Tyco Electronics

Part # MA4EX370L-1225
Download  MA4EX370L-1225 Click to download

File Size   39.15 Kbytes
Page   2 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Low Cost Silicon Double Balanced HMIC Mixer 3.0 - 4.0 GHz

MA4EX370L-1225 Datasheet (HTML) - Tyco Electronics




Similar Part No. - MA4EX370L-1225

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA4EX370L-1225T MACOM-MA4EX370L-1225T Datasheet
42Kb / 2P
Low Cost Silicon Double Balanced HMIC??Mixer 3.0 - 4.0 GHz
More results


Similar Description - MA4EX370L-1225

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA4EX580L-1225 MACOM-MA4EX580L-1225 Datasheet
38Kb / 2P
Low Cost Silicon Double Balanced HMIC Mixer 4.7 - 6.0 GHz
MA4EX950L-1225 MACOM-MA4EX950L-1225 Datasheet
71Kb / 3P
Low Cost Silicon Double Balanced HMIC Mixer, 700 - 1200 MHz
MA4EX370L-1225T MACOM-MA4EX370L-1225T Datasheet
42Kb / 2P
Low Cost Silicon Double Balanced HMIC??Mixer 3.0 - 4.0 GHz
logo
M/A-COM Technology Solu...
MA4EX190H1-1225T_V3 MA-COM-MA4EX190H1-1225T_V3 Datasheet
93Kb / 3P
Silicon Double Balanced HMIC Mixer
MA4EX580L1-1225T MA-COM-MA4EX580L1-1225T Datasheet
86Kb / 3P
Silicon Double Balanced HMIC Mixer
MA4EX580L-1225T MA-COM-MA4EX580L-1225T Datasheet
86Kb / 3P
Silicon Double Balanced HMIC Mixer
MA4EX950H1-1225T_V3 MA-COM-MA4EX950H1-1225T_V3 Datasheet
98Kb / 3P
Silicon Double Balanced HMIC Mixer
MA4EXP190H1-1277T_V3 MA-COM-MA4EXP190H1-1277T_V3 Datasheet
104Kb / 6P
Silicon Double Balanced HMIC Mixer
MAMX-090950-1277LT MA-COM-MAMX-090950-1277LT Datasheet
91Kb / 4P
Silicon Double Balanced HMIC Mixer
MAMX-000900-1061LT MA-COM-MAMX-000900-1061LT_15 Datasheet
106Kb / 4P
Silicon Double Balanced HMIC Mixer
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com