Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

250965B Datasheet (PDF) - Integrated Technology Future

250965B Datasheet PDF - Integrated Technology Future
Part # 250965B
Download  250965B Download
File Size   171.12 Kbytes
Page   2 Pages
Manufacturer  ITF [Integrated Technology Future]
Direct Link  http://www.itf.co.kr
Logo ITF - Integrated Technology Future
Description Typical 1dB bandwidth of 9.3 MHz

250965B Datasheet (PDF)

Go To PDF Page Download Datasheet
250965B Datasheet PDF - Integrated Technology Future

Part # 250965B
Download  250965B Click to download

File Size   171.12 Kbytes
Page   2 Pages
Manufacturer  ITF [Integrated Technology Future]
Direct Link  http://www.itf.co.kr
Logo ITF - Integrated Technology Future
Description Typical 1dB bandwidth of 9.3 MHz

250965B Datasheet (HTML) - Integrated Technology Future




Similar Part No. - 250965B

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
25096 ALPHAWIRE-25096 Datasheet
93Kb / 4P
Customer Specification
1/5/2023
logo
Weidmuller
2509600000 WEIDMULLER-2509600000 Datasheet
529Kb / 8P
B2CF 3.50/06/180 SN OR BX LRP
logo
Integrated Technology F...
250960B ITF-250960B Datasheet
184Kb / 2P
Typical 1dB bandwidth of 9.3 MHz
Rev 1.0 2013. 05. 06
logo
Weidmuller
2509610000 WEIDMULLER-2509610000 Datasheet
534Kb / 8P
B2CF 3.50/08/180 SN OR BX LRP
logo
Integrated Technology F...
250961B ITF-250961B Datasheet
175Kb / 2P
Typical 1dB bandwidth of 9.3 MHz
Rev 1.0 2013. 05. 06
More results


Similar Description - 250965B

ManufacturerPart #DatasheetDescription
logo
Integrated Technology F...
211002B ITF-211002B Datasheet
171Kb / 2P
Typical 1dB bandwidth of 9.8 MHz
Rev 1.0 2013. 04. 01
230952B ITF-230952B Datasheet
194Kb / 2P
Typical 1dB bandwidth of 9.3 MHz
Rev 1.0 2013. 05. 06
250925B ITF-250925B Datasheet
171Kb / 2P
Typical 1dB bandwidth of 9.3 MHz
Rev 1.0 2015. 03. 25
250928B ITF-250928B Datasheet
168Kb / 2P
Typical 1dB bandwidth of 9.3 MHz
250931B ITF-250931B Datasheet
168Kb / 2P
Typical 1dB bandwidth of 9.3 MHz
Rev 1.0 2013. 03. 25
250934B ITF-250934B Datasheet
173Kb / 2P
Typical 1dB bandwidth of 9.3 MHz
Rev 1.0 2013. 04.01
250960B ITF-250960B Datasheet
184Kb / 2P
Typical 1dB bandwidth of 9.3 MHz
Rev 1.0 2013. 05. 06
250961B ITF-250961B Datasheet
175Kb / 2P
Typical 1dB bandwidth of 9.3 MHz
Rev 1.0 2013. 05. 06
250913B ITF-250913B Datasheet
177Kb / 2P
Typical 1dB bandwidth of 9.3 MHz
250916B ITF-250916B Datasheet
177Kb / 2P
Typical 1dB bandwidth of 9.3 MHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com