| Manufacturer | Part # | Datasheet | Description |
 Integrated Technology F... |
211002B
|
171Kb / 2P |
Typical 1dB bandwidth of 9.8 MHz
Rev 1.0 2013. 04. 01 |
|
220501B
|
189Kb / 2P |
Typical 1dB bandwidth of 5.4 MHz
Rev 1.0 2013. 09. 12 |
|
221451B
|
208Kb / 2P |
Typical 1dB bandwidth of 14.35 MHz
Rev 1.0 2010. 09.14 |
|
230952B
|
194Kb / 2P |
Typical 1dB bandwidth of 9.3 MHz
Rev 1.0 2013. 05. 06 |
|
231601B
|
169Kb / 2P |
Typical 1dB bandwidth of 15.6 MHz
Rev 1.0 2013. 03. 07 |
|
231654B
|
170Kb / 2P |
Typical 1dB bandwidth of 15.85 MHz
Rev 1.0 2010. 05. 20 |
|
231851B
|
178Kb / 2P |
Typical 1dB bandwidth of 18.2 MHz
Rev 1.0 2011. 01.24 |
|
250930B
|
169Kb / 2P |
Typical 1dB bandwidth of 9.4 MHz
Rev 1.0 2013. 03. 25 |
|
250970B
|
174Kb / 2P |
Typical 1dB bandwidth of 9.4 MHz
Rev 1.0 2013. 03. 11 |
|
251008B
|
179Kb / 2P |
Typical 1dB bandwidth of 10.0 MHz
|