Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M30802MC Datasheet (PDF) - Mitsubishi Electric Semiconductor

M30802MC Datasheet PDF - Mitsubishi Electric Semiconductor
Part # M30802MC
Download  M30802MC Download
File Size   4610.13 Kbytes
Page   315 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER?

M30802MC Datasheet (PDF)

Go To PDF Page Download Datasheet
M30802MC Datasheet PDF - Mitsubishi Electric Semiconductor

Part # M30802MC
Download  M30802MC Click to download

File Size   4610.13 Kbytes
Page   315 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER?

M30802MC Datasheet (HTML) - Mitsubishi Electric Semiconductor


M30802MC Product details

Description
The M16C/80 (144-pin version) group of single-chip microcomputers are built using the high-performance silicon gate CMOS process using a M16C/60 Series CPU core and are packaged in a 144-pin plastic molded QFP. These single-chip microcomputers operate using sophisticated instructions featuring a high level of instruction efficiency. With 16M bytes of address space, they are capable of executing instructions at high speed. They also feature a built-in multiplier and DMAC, making them ideal for controlling office, communications, industrial equipment, and other high-speed processing applications.

Features
• Memory capacity..................................ROM (See ROM expansion figure.)
                                                                RAM 10 to 24 Kbytes
• Shortest instruction execution time ......50ns (f(XIN)=20MHz)
• Supply voltage .....................................4.2 to 5.5V (f(XIN)=20MHz) Mask ROM and flash memory version
                                             2.7 to 5.5V (f(XIN)=10MHz) Mask ROM and flash memory version
• Low power consumption ......................45mA (M30802MC-XXXGP)
• Interrupts..............................................29 internal and 8 external interrupt sources, 5 software
                                           interrupt sources; 7 levels (including key input interrupt)
• Multifunction 16-bit timer......................5 output timers + 6 input timers
• Serial I/O ..............................................5 channels for UART or clock synchronous
• DMAC ..................................................4 channels (trigger: 31 sources)
• DRAMC................................................Used for EDO, FP, CAS before RAS refresh, self-refresh
• A-D converter.......................................10 bits X 8 channels (Expandable up to 10 channels)
• D-A converter.......................................8 bits X 2 channels
• CRC calculation circuit.........................1 circuit
• X-Y converter .......................................1 circuit
• Watchdog timer....................................1 line
• Programmable I/O ...............................123 lines
• Input port..............................................1 line (P85 shared with NMI pin)
• Memory expansion ..............................Available (16M bytes)
• Chip select output ................................4 lines
• Clock generating circuit .......................2 built-in clock generation circuits
                                                   built-in feedback resistance, and external ceramic or quartz oscillator)

Applications
Audio, cameras, office equipment, communications equipment, portable equipment, etc.




Similar Part No. - M30802MC

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M30802SGP-BL RENESAS-M30802SGP-BL Datasheet
3Mb / 358P
RENESAS 16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/80 SERIES
More results


Similar Description - M30802MC

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M30622M6P RENESAS-M30622M6P Datasheet
831Kb / 87P
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
logo
Mitsubishi Electric Sem...
M30620MCN MITSUBISHI-M30620MCN Datasheet
3Mb / 246P
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
16C26 RENESAS-16C26 Datasheet
238Kb / 39P
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M306V8FJFP RENESAS-M306V8FJFP Datasheet
3Mb / 365P
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
R8C-16 RENESAS-R8C-16 Datasheet
623Kb / 38P
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M16C30 RENESAS-M16C30_02 Datasheet
2Mb / 178P
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M16C62 RENESAS-M16C62 Datasheet
3Mb / 231P
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M16C62A RENESAS-M16C62A Datasheet
3Mb / 242P
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M16C62N RENESAS-M16C62N Datasheet
3Mb / 213P
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M37702M2AXXXFP RENESAS-M37702M2AXXXFP Datasheet
751Kb / 60P
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com