Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MD20-0017-S Datasheet (PDF) - Tyco Electronics

MD20-0017-S Datasheet PDF - Tyco Electronics
Part # MD20-0017-S
Download  MD20-0017-S Download
File Size   16.94 Kbytes
Page   1 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Double Balanced Mixer 10 - 3000 MHz

MD20-0017-S Datasheet (PDF)

Go To PDF Page Download Datasheet
MD20-0017-S Datasheet PDF - Tyco Electronics

Part # MD20-0017-S
Download  MD20-0017-S Click to download

File Size   16.94 Kbytes
Page   1 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Double Balanced Mixer 10 - 3000 MHz

MD20-0017-S Datasheet (HTML) - Tyco Electronics




Similar Part No. - MD20-0017-S

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MD20-0016-S MACOM-MD20-0016-S Datasheet
21Kb / 1P
Double Balanced Mixer 0.5 - 500 MHz
MD20-0018-S MACOM-MD20-0018-S Datasheet
42Kb / 1P
Double Balanced Mixer 5 - 1500 MHz
More results


Similar Description - MD20-0017-S

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA4EX370H-1225 MACOM-MA4EX370H-1225 Datasheet
126Kb / 4P
Silicon Double Balanced HMICTM Mixer, 3000 - 4000 MHz
MA4EX370M-1225 MACOM-MA4EX370M-1225 Datasheet
124Kb / 4P
Silicon Double Balanced HMICTM Mixer, 3000 - 4000 MHz
MDS-148 MACOM-MDS-148 Datasheet
217Kb / 3P
Double-Balanced Mixer, 10 - 1500 MHz
MDS-149 MACOM-MDS-149 Datasheet
217Kb / 3P
Double-Balanced Mixer, 10 - 1500 MHz
MD-M149 MACOM-MD-M149 Datasheet
134Kb / 3P
Double-Balanced Mixer, 10 - 1500 MHz
logo
M/A-COM Technology Solu...
MD-123 MA-COM-MD-123 Datasheet
100Kb / 3P
Double-Balanced Mixer, 10 MHz - 3 GHz
MD-148 MA-COM-MD-148 Datasheet
60Kb / 3P
Double-Balanced Mixer, 10 - 1500 MHz
MD-149 MA-COM-MD-149 Datasheet
75Kb / 3P
Double-Balanced Mixer, 10 - 1500 MHz
MA4EX370H-1225T MA-COM-MA4EX370H-1225T Datasheet
76Kb / 3P
Silicon Double Balanced HMIC Mixer 3000 - 4000 MHz
MA4EX370M-1225T MA-COM-MA4EX370M-1225T Datasheet
71Kb / 2P
Silicon Double Balanced HMIC Mixer 3000 - 4000 MHz
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com