Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SZM-5066Z Datasheet (PDF) - RF Micro Devices

SZM-5066Z Datasheet PDF - RF Micro Devices
Part # SZM-5066Z
Download  SZM-5066Z Download
File Size   1132.49 Kbytes
Page   14 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description 5.0V, 5GHz HIGH POWER LINEAR POWER AMPLIFIER

SZM-5066Z Datasheet (PDF)

Go To PDF Page Download Datasheet
SZM-5066Z Datasheet PDF - RF Micro Devices

Part # SZM-5066Z
Download  SZM-5066Z Click to download

File Size   1132.49 Kbytes
Page   14 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description 5.0V, 5GHz HIGH POWER LINEAR POWER AMPLIFIER

SZM-5066Z Datasheet (HTML) - RF Micro Devices




Similar Part No. - SZM-5066Z

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
SZM-5066Z QORVO-SZM-5066Z Datasheet
1Mb / 14P
5.0V, 5GHz HIGH POWER LINEAR POWER AMPLIFIER
More results


Similar Description - SZM-5066Z

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2840-MAX2841 MAXIM-MAX2840-MAX2841 Datasheet
750Kb / 9P
5GHz Linear Power Amplifiers
Rev 2; 8/03
logo
RF Micro Devices
RF5263 RFMD-RF5263 Datasheet
96Kb / 2P
3.3V TO 5.0V, 2.5GHz LINEAR POWER AMPLIFIER
RF5300 RFMD-RF5300 Datasheet
112Kb / 6P
3V, 5GHz LINEAR POWER AMPLIFIER
RF5300 RFMD-RF5300_1 Datasheet
237Kb / 10P
3V, 5GHz LINEAR POWER AMPLIFIER
RF5355 RFMD-RF5355 Datasheet
1Mb / 11P
3.3V, 5GHz LINEAR POWER AMPLIFIER
RF5602 RFMD-RF5602 Datasheet
2Mb / 27P
3.0V TO 5.0V, 2.3GHz TO 2.7GHz LINEAR POWER AMPLIFIER
RF5616 RFMD-RF5616 Datasheet
1Mb / 13P
3.0V TO 5.0V, 5GHz LINEAR POWER AMPLIFIER
RF5633 RFMD-RF5633 Datasheet
1Mb / 11P
SINGLE 5.0V, 3.3 TO 3.8GHZ LINEAR POWER AMPLIFIER
logo
Qorvo, Inc
RF5602 QORVO-RF5602 Datasheet
2Mb / 27P
3.0V TO 5.0V, 2.3GHz TO 2.7GHz LINEAR POWER AMPLIFIER
SZM-5066Z QORVO-SZM-5066Z Datasheet
1Mb / 14P
5.0V, 5GHz HIGH POWER LINEAR POWER AMPLIFIER
More results




About RF Micro Devices


RF Micro Devices (RFMD) was an American company that specialized in the design and manufacture of radio frequency (RF) components and solutions for wireless communications. The company was founded in 1991 and was headquartered in Greensboro, North Carolina. RFMD provided a wide range of products including power amplifiers, transceivers, filters, and other RF components that were used in mobile devices, Wi-Fi and Bluetooth modules, and other wireless systems.

RFMD was known for its expertise in RF technology and its ability to provide innovative and high-performance products. The company had a strong focus on research and development and was actively involved in the development of new technologies and solutions for the wireless industry. RFMD's products were widely used in a variety of applications and helped support the growth of the wireless industry.

In 2015, RFMD was acquired by Skyworks Solutions, Inc., a leading provider of high-performance analog semiconductors. The acquisition allowed Skyworks to expand its product portfolio and offerings in the RF market and further strengthen its position in the wireless industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com