Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PH2731-5M Datasheet (PDF) - Tyco Electronics

PH2731-5M Datasheet PDF - Tyco Electronics
Part # PH2731-5M
Download  PH2731-5M Download
File Size   154.72 Kbytes
Page   2 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Radar Pulsed Power Transistor, 5W, IOOps Pulse, 10% Duty

PH2731-5M Datasheet (PDF)

Go To PDF Page Download Datasheet
PH2731-5M Datasheet PDF - Tyco Electronics

Part # PH2731-5M
Download  PH2731-5M Click to download

File Size   154.72 Kbytes
Page   2 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Radar Pulsed Power Transistor, 5W, IOOps Pulse, 10% Duty

PH2731-5M Datasheet (HTML) - Tyco Electronics


PH2731-5M Product details

Features
• NPN Silicon Microwave Power Transistor
• Common Base Configuration
• Broadband Class C Operation
• High Efficiency Interdigitated Geometry
• Diffused Emitter Ballasting Resistors
• Gold Metalization System
• Internal Input and Output Impedance Matching
• Hermetic ~tal/Ceramic Package




Similar Part No. - PH2731-5M

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
PH2731-5M MA-COM-PH2731-5M Datasheet
107Kb / 3P
Radar Pulsed Power Transistor 5W, 2.7-3.1 GHz, 100關s Pulse, 10% Duty
logo
Tyco Electronics
PH2731-5M MACOM-PH2731-5M Datasheet
107Kb / 3P
Radar Pulsed Power Transistor 5W, 2.7-3.1 GHz, 100關s Pulse, 10% Duty
logo
M/A-COM Technology Solu...
PH2731-5M MA-COM-PH2731-5M_17 Datasheet
651Kb / 4P
Radar Pulsed Power Transistor
More results


Similar Description - PH2731-5M

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
PH2931-5M MACOM-PH2931-5M Datasheet
163Kb / 2P
Radar Pulsed Power Transistor,5W,100ms Pulse, 10% Duty 2.9-3.1 GHz
PH3135-5M MACOM-PH3135-5M Datasheet
153Kb / 2P
Radar Pulsed Power Transistor, 5W, looms Pulse, 10% Duty 3.1 - 3.5 GHz
PH3135-5S MACOM-PH3135-5S Datasheet
158Kb / 2P
Radar Pulsed Power Transistor,5W,2ms Pulse, 10% Duty 3.1-3.5 GHz
logo
List of Unclassifed Man...
PH1214-6M ETC1-PH1214-6M Datasheet
89Kb / 1P
RADAR PULSED POWER TRANSISTOR, 6W, 100us PULSE, 10% DUTY
logo
M/A-COM Technology Solu...
PH2729-5M MA-COM-PH2729-5M Datasheet
107Kb / 3P
Radar Pulsed Power Transistor 5W, 2.7-2.9 GHz, 100關s Pulse, 10% Duty
PH2731-5M MA-COM-PH2731-5M Datasheet
107Kb / 3P
Radar Pulsed Power Transistor 5W, 2.7-3.1 GHz, 100關s Pulse, 10% Duty
PH2931-5M MA-COM-PH2931-5M Datasheet
106Kb / 3P
Radar Pulsed Power Transistor 5W, 2.9-3.1 GHz, 100關s Pulse, 10% Duty
PH3135-5M MA-COM-PH3135-5M Datasheet
107Kb / 3P
Radar Pulsed Power Transistor 5W, 3.1-3.5 GHz, 100關s Pulse, 10% Duty
PH3135-5S MA-COM-PH3135-5S Datasheet
100Kb / 2P
Radar Pulsed Power Transistor 5W, 3.1-3.5 GHz, 2關s Pulse, 10% Duty
logo
Tyco Electronics
PH2731-5M MACOM-PH2731-5M Datasheet
107Kb / 3P
Radar Pulsed Power Transistor 5W, 2.7-3.1 GHz, 100關s Pulse, 10% Duty
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com