Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PHM1880-15 Datasheet (PDF) - Tyco Electronics

PHM1880-15 Datasheet PDF - Tyco Electronics
Part # PHM1880-15
Download  PHM1880-15 Download
File Size   130.51 Kbytes
Page   2 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Wireless Power Module, 15W 1805-1880 MHz

PHM1880-15 Datasheet (PDF)

Go To PDF Page Download Datasheet
PHM1880-15 Datasheet PDF - Tyco Electronics

Part # PHM1880-15
Download  PHM1880-15 Click to download

File Size   130.51 Kbytes
Page   2 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Wireless Power Module, 15W 1805-1880 MHz

PHM1880-15 Datasheet (HTML) - Tyco Electronics


PHM1880-15 Product details

Features
• Linear Bipolar Wireless Hybrid Module
• GSM Base Station Applications
• Input and Output Matched to 50Ω
• Common Emitter Configuration
• Internal Temperature compensated Bias Networks
• 30 dB min Gain
• Operating Voltage 24-26V




Similar Part No. - PHM1880-15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHM18NQ15T PHILIPS-PHM18NQ15T Datasheet
91Kb / 12P
TrenchMOS standard level FET
Rev. 02-20 August 2004
More results


Similar Description - PHM1880-15

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
PH1819-45A MACOM-PH1819-45A Datasheet
104Kb / 2P
Wireless Power Transistor 45 Watts, 1805 - 1880 MHz
PH1819-90 MACOM-PH1819-90 Datasheet
108Kb / 1P
Wireless Power Transistor 90 Watts, 1805-1880 MHz
PH1819-45 MACOM-PH1819-45 Datasheet
137Kb / 2P
Wireless Bipolar Power Transistor, 45W 1805 - 1880 MHz
logo
SIRENZA MICRODEVICES
XD010-22S-D2F SIRENZA-XD010-22S-D2F Datasheet
215Kb / 5P
1805-1880 MHz Class A/AB 12W Power Amplifier Module
logo
Stealth Microwave, Inc.
SM1819-52LD STEALTH_MICROWAVE-SM1819-52LD Datasheet
150Kb / 3P
1805 - 1880 MHz 160 Watt Power Amplifier
logo
M/A-COM Technology Solu...
PH1819-33 MA-COM-PH1819-33 Datasheet
180Kb / 2P
Wireless Bipolar Power Transistor 33W, 1805-1880 MHz
PH1819-45 MA-COM-PH1819-45 Datasheet
184Kb / 2P
Wireless Bipolar Power Transistor 45W, 1805-1880 MHz
logo
ANADIGICS, Inc
AWB7122 ANADIGICS-AWB7122 Datasheet
738Kb / 9P
1805 MHz to 1880 MHz Small-Cell Power Amplifier Module
Rev 2.3
logo
Skyworks Solutions Inc.
AWB7122 SKYWORKS-AWB7122 Datasheet
779Kb / 10P
1805 MHz to 1880 MHz Small-Cell Power Amplifier Module
logo
WALSIN TECHNOLOGY CORPO...
RFBPF1109B301T WALSIN-RFBPF1109B301T Datasheet
568Kb / 7P
1805 ~ 1880 MHz Working Frequency
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com