Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KTD1415V Datasheet (PDF) - KEC(Korea Electronics)

KTD1415V Datasheet PDF - KEC(Korea Electronics)
Part # KTD1415V
Download  KTD1415V Download
File Size   387.43 Kbytes
Page   3 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description EPITAXIAL PLANAR NPN TRANSISTOR

KTD1415V Datasheet (PDF)

Go To PDF Page Download Datasheet
KTD1415V Datasheet PDF - KEC(Korea Electronics)

Part # KTD1415V
Download  KTD1415V Click to download

File Size   387.43 Kbytes
Page   3 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description EPITAXIAL PLANAR NPN TRANSISTOR

KTD1415V Datasheet (HTML) - KEC(Korea Electronics)


KTD1415V Product details

INDUSTRIAL USE.
HIGH POWER SWITCHING APPLICATIONS.
HAMMER DRIVER, PULSE MOTOR DRIVER APPLICATIONS.

FEATURES
   High DC Current Gain : hFE=2000(Min.) at VCE=3V, IC=3A.
   Low Saturation Voltage : VCE(sat)=1.5V(Max.) at IC=3A.




Similar Part No. - KTD1415V

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTD1415 KEC-KTD1415 Datasheet
408Kb / 3P
EPITAXIAL PLANAR NPN TRANSISTOR (HIGH POWER SWITCHING, HAMMER DRIVER, PULSE MOTOR DRIVER)
KTD1415 KEC-KTD1415 Datasheet
461Kb / 3P
EPITAXIAL PLANAR NPN TRANSISTOR
KTD1415 KEC-KTD1415_07 Datasheet
461Kb / 3P
EPITAXIAL PLANAR NPN TRANSISTOR
KTD1415 KEC-KTD1415_15 Datasheet
461Kb / 3P
EPITAXIAL PLANAR NPN TRANSISTOR
More results


Similar Description - KTD1415V

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTC3542T KEC-KTC3542T Datasheet
90Kb / 3P
EPITAXIAL PLANAR NPN TRANSISTOR
logo
Unisonic Technologies
2SC1384 UTC-2SC1384 Datasheet
70Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
2SD1609 UTC-2SD1609 Datasheet
85Kb / 4P
NPN EPITAXIAL PLANAR TRANSISTOR
logo
List of Unclassifed Man...
GMBT5551 ETC2-GMBT5551 Datasheet
175Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GMBTA42 ETC2-GMBTA42 Datasheet
194Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
logo
GTM CORPORATION
GBC847 GTM-GBC847 Datasheet
236Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GBC848 GTM-GBC848 Datasheet
221Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GESD1060 GTM-GESD1060 Datasheet
424Kb / 3P
NPN EPITAXIAL PLANAR TRANSISTOR
GI41C GTM-GI41C Datasheet
150Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GI122 GTM-GI122 Datasheet
161Kb / 3P
NPN EPITAXIAL PLANAR TRANSISTOR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com