Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC5536A Datasheet (PDF) - ON Semiconductor

2SC5536A Datasheet PDF - ON Semiconductor
Part # 2SC5536A
Download  2SC5536A Download
File Size   503.84 Kbytes
Page   7 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description RF Transistor 12V, 50mA, fT=1.7GHz, NPN Single SSFP

2SC5536A Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC5536A Datasheet PDF - ON Semiconductor

Part # 2SC5536A
Download  2SC5536A Click to download

File Size   503.84 Kbytes
Page   7 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description RF Transistor 12V, 50mA, fT=1.7GHz, NPN Single SSFP

2SC5536A Datasheet (HTML) - ON Semiconductor


2SC5536A Product details

Features
• Low-noise : NF=1.8dB typ (f=150MHz)
• High gain : ⏐S21e⏐2=16dB typ (f=150MHz)
• Ultrasmall, slim flat-lead package (1.4mm×0.8mm×0.6mm)
• Halogen free compliance




Similar Part No. - 2SC5536A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC5536A SANYO-2SC5536A Datasheet
56Kb / 5P
VHF Low-Noise Amplifier, OSC Applications
2SC5536A SANYO-2SC5536A Datasheet
511Kb / 7P
VHF Low-Noise Amplifier, OSC Applications
2SC5536A SANYO-2SC5536A_12 Datasheet
511Kb / 7P
VHF Low-Noise Amplifier, OSC Applications
More results


Similar Description - 2SC5536A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2SC5347A ONSEMI-2SC5347A Datasheet
318Kb / 8P
RF Transistor 12V, 150mA, fT=4.7GHz, NPN Single PCP
August, 2013
2SC5415A ONSEMI-2SC5415A Datasheet
296Kb / 8P
RF Transistor 12V, 100mA, fT=6.7GHz, NPN Single PCP
August, 2013
2SC5646A ONSEMI-2SC5646A Datasheet
437Kb / 9P
RF Transistor 4V, 30mA, fT=12.5GHz, NPN Single SSFP
August, 2013
15GN01CA ONSEMI-15GN01CA Datasheet
296Kb / 7P
RF Transistor 8V, 50mA, fT=1.5GHz, NPN Single CP
August, 2013
15GN01MA ONSEMI-15GN01MA Datasheet
306Kb / 7P
RF Transistor 8V, 50mA, fT=1.5GHz, NPN Single MCP
August, 2013
15GN03FA ONSEMI-15GN03FA Datasheet
494Kb / 8P
RF Transistor 10V, 70mA, fT=1.5GHz, NPN Single SSFP
August, 2013
55GN01FA ONSEMI-55GN01FA Datasheet
506Kb / 9P
RF Transistor 10V, 70mA, fT=5.5GHz, NPN Single SSFP
August, 2013
MCH3007 ONSEMI-MCH3007 Datasheet
403Kb / 12P
RF Transistor 12V, 30mA, fT=8GHz, NPN Single MCPH3
August, 2013
2SC5488A ONSEMI-2SC5488A Datasheet
462Kb / 7P
NPN Single SSFP RF Transistor
August, 2013
logo
Central Semiconductor C...
CP302-MPSH10 CENTRAL-CP302-MPSH10 Datasheet
642Kb / 5P
NPN - RF Transistor Die 50mA, 25 Volt
R2 9-November 2017
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com