Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

12A02MH Datasheet (PDF) - ON Semiconductor

12A02MH Datasheet PDF - ON Semiconductor
Part # 12A02MH
Download  12A02MH Download
File Size   369.05 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Bipolar Transistor ??2V, ??A, Low VCE(sat) PNP Single MCPH3

12A02MH Datasheet (PDF)

Go To PDF Page Download Datasheet
12A02MH Datasheet PDF - ON Semiconductor

Part # 12A02MH
Download  12A02MH Click to download

File Size   369.05 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Bipolar Transistor ??2V, ??A, Low VCE(sat) PNP Single MCPH3

12A02MH Datasheet (HTML) - ON Semiconductor


12A02MH Product details

Bipolar Transistor
–12V, –1A, Low VCE(sat) PNP Single MCPH3

Features
• Large current capacity
• Low collector-to-emitter saturation voltage (resistance) RCE (sat) typ.=285mΩ [IC=1A, IB=50mA]
• Small ON-resistance (Ron)

Applications
• Low-frequency Amplifier, high-speed switching, small motor drive, muting circuit




Similar Part No. - 12A02MH

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
12A02MH SANYO-12A02MH Datasheet
32Kb / 4P
Low-Frequency General-Purpose Amplifier Applications
12A02MH SANYO-12A02MH Datasheet
473Kb / 6P
Low-Frequency General-Purpose Amplifier Applications
12A02MH-TL-E SANYO-12A02MH-TL-E Datasheet
473Kb / 6P
Low-Frequency General-Purpose Amplifi er Applications
12A02MH SANYO-12A02MH_12 Datasheet
473Kb / 6P
Low-Frequency General-Purpose Amplifier Applications
More results


Similar Description - 12A02MH

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2SA1708S-AN ONSEMI-2SA1708S-AN Datasheet
632Kb / 5P
Bipolar Transistor ??0V, ??A, Low VCE(sat) PNP Single PCP
September, 2013
2SA2012-TD-E ONSEMI-2SA2012-TD-E Datasheet
81Kb / 5P
Bipolar Transistor ??0V, ??A, Low VCE(sat) PNP Single PCP
December, 2013
15C02MH ONSEMI-15C02MH Datasheet
368Kb / 6P
Bipolar Transistor 15V, 1A, Low VCE(sat) NPN Single MCPH3
August, 2013
30A02MH ONSEMI-30A02MH Datasheet
369Kb / 6P
Bipolar Transistor -30V, -0.7A, Low VCE(sat) PNP Single MCPH3
August, 2013
30C02MH ONSEMI-30C02MH Datasheet
369Kb / 6P
Bipolar Transistor 30V, 0.7A, Low VCE(sat) NPN Single MCPH3
August, 2013
MCH3105 ONSEMI-MCH3105 Datasheet
409Kb / 7P
Bipolar Transistor (-)50V, (-)3A, Low VCE(sat), (PNP)NPN Single MCPH3
September, 2013
MCH3106 ONSEMI-MCH3106 Datasheet
372Kb / 7P
Bipolar Transistor -12V, -3A, Low VCE(sat), PNP Single MCPH3
September, 2013
MCH3109 ONSEMI-MCH3109 Datasheet
408Kb / 7P
Bipolar Transistor (-)30V, (-)3A, Low VCE(sat), (PNP)NPN Single MCPH3
September, 2013
MCH3144 ONSEMI-MCH3144 Datasheet
365Kb / 6P
Bipolar Transistor -30V, -2A, Low VCE(sat), PNP Single MCPH3
September, 2013
MCH3145 ONSEMI-MCH3145 Datasheet
436Kb / 8P
Bipolar Transistor (-)50V, (-)2A, Low VCE(sat), (PNP)NPN Single MCPH3
September, 2013
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com