Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

15C02CH Datasheet (PDF) - ON Semiconductor

15C02CH Datasheet PDF - ON Semiconductor
Part # 15C02CH
Download  15C02CH Download
File Size   581.82 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Bipolar Transistor 15V, 1A, Low VCE(sat) NPN Single CPH3

15C02CH Datasheet (PDF)

Go To PDF Page Download Datasheet
15C02CH Datasheet PDF - ON Semiconductor

Part # 15C02CH
Download  15C02CH Click to download

File Size   581.82 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Bipolar Transistor 15V, 1A, Low VCE(sat) NPN Single CPH3

15C02CH Datasheet (HTML) - ON Semiconductor


15C02CH Product details

Bipolar Transistor
15V, 1A, Low VCE(sat) NPN Single CPH3

Features
• Large current capacity
• Low collector-to-emitter saturation voltage (resistance) RCE(sat) typ.=300mΩ [IC=1A, IB=50mA]
• Ultrasmall package facilitates miniaturization in end products
• Small ON-resistance (Ron)

Applications
• Low-frequency amplifer, high-speed switching, small motor drive




Similar Part No. - 15C02CH

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
15C02CH SANYO-15C02CH Datasheet
52Kb / 3P
NPN EPITAXIAL SILICON TRANSISTOR
More results


Similar Description - 15C02CH

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
50C02CH-TL-E ONSEMI-50C02CH-TL-E Datasheet
591Kb / 7P
Bipolar Transistor 50V, 0.5A, Low VCE(sat) NPN Single CPH3
August, 2013
15C02MH ONSEMI-15C02MH Datasheet
368Kb / 6P
Bipolar Transistor 15V, 1A, Low VCE(sat) NPN Single MCPH3
August, 2013
2SD1618 ONSEMI-2SD1618 Datasheet
272Kb / 6P
Bipolar Transistor 15V, 0.7A, Low VCE(sat), NPN Single PCP
September, 2013
12A02CH ONSEMI-12A02CH Datasheet
583Kb / 6P
Bipolar Transistor -12V, -1A, Low VCE(sat) PNP Single CPH3
August, 2013
15C01M ONSEMI-15C01M Datasheet
309Kb / 6P
Bipolar Transistor 15V, 0.7A, Low VCE(sat) NPN Single MCP
August, 2013
CPH3107 ONSEMI-CPH3107 Datasheet
581Kb / 6P
Bipolar Transistor -15V, -6A, Low VCE(sat), PNP Single CPH3
September, 2013
CPH3114 ONSEMI-CPH3114 Datasheet
583Kb / 6P
Bipolar Transistor -15V, -1.5A, Low VCE(sat), PNP Single CPH3
September, 2013
CPH3115 ONSEMI-CPH3115 Datasheet
634Kb / 7P
Bipolar Transistor (-)30V, (-)1.5A, Low VCE(sat), (PNP)NPN Single CPH3
September, 2013
CPH3116 ONSEMI-CPH3116 Datasheet
631Kb / 7P
Bipolar Transistor (-)50V, (-)1A, Low VCE(sat), (PNP)NPN Single CPH3
September, 2013
CPH3212 ONSEMI-CPH3212 Datasheet
582Kb / 6P
Bipolar Transistor 50V, 5A, Low VCE(sat), NPN Single CPH3
September, 2013
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com