Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCH6001 Datasheet (PDF) - ON Semiconductor

MCH6001 Datasheet PDF - ON Semiconductor
Part # MCH6001
Download  MCH6001 Download
File Size   492.82 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description RF Transistor 8V, 150mA, fT=16GHz NPN Dual MCPH6

MCH6001 Datasheet (PDF)

Go To PDF Page Download Datasheet
MCH6001 Datasheet PDF - ON Semiconductor

Part # MCH6001
Download  MCH6001 Click to download

File Size   492.82 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description RF Transistor 8V, 150mA, fT=16GHz NPN Dual MCPH6

MCH6001 Datasheet (HTML) - ON Semiconductor


MCH6001 Product details

RF Transistor
8V, 150mA, fT=16GHz NPN Dual MCPH6

Features
• Low-noise use : NF=1.2dB typ (f=1GHz)
• High cut-off frequency : fT=16GHz typ (VCE=5V)
• High gain : |S21e|2=16dB typ (f=1GHz)
• Composite type with 2 RF transistor MCH4020 in one package facilitating high-density mounting




Similar Part No. - MCH6001

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
MCH6001 SANYO-MCH6001 Datasheet
256Kb / 4P
NPN Epitaxial Planar Silicon Composite Transistor High Frequency Low-Noise Amplifi er
More results


Similar Description - MCH6001

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MCH4020-TL-E ONSEMI-MCH4020-TL-E Datasheet
378Kb / 11P
RF Transistor 8V, 150mA, fT=16GHz, NPN Single MCPH4
August, 2013
logo
NXP Semiconductors
BFU520Y PHILIPS-BFU520Y_15 Datasheet
304Kb / 20P
Dual NPN wideband silicon RF transistor
Rev. 1-20 February 2014
logo
ON Semiconductor
2SC5226A ONSEMI-2SC5226A Datasheet
354Kb / 8P
RF Transistor 10V, 70mA, fT=7GHz, NPN Single MCP
August, 2013
2SC5231A ONSEMI-2SC5231A Datasheet
526Kb / 8P
RF Transistor 10V, 70mA, fT=7GHz, NPN Single SMCP
August, 2013
2SC5347A ONSEMI-2SC5347A Datasheet
318Kb / 8P
RF Transistor 12V, 150mA, fT=4.7GHz, NPN Single PCP
August, 2013
15GN01CA ONSEMI-15GN01CA Datasheet
296Kb / 7P
RF Transistor 8V, 50mA, fT=1.5GHz, NPN Single CP
August, 2013
15GN01MA ONSEMI-15GN01MA Datasheet
306Kb / 7P
RF Transistor 8V, 50mA, fT=1.5GHz, NPN Single MCP
August, 2013
FH105A ONSEMI-FH105A Datasheet
479Kb / 8P
RF Transistor 10V, 30mA, fT=8GHz, NPN Dual MCP6
August, 2013
MCH4020 ONSEMI-MCH4020 Datasheet
367Kb / 11P
RF Transistor 8V, 150mA, fT=16GHz, NPN Single MCPH4
August, 2013
logo
NXP Semiconductors
BFU520Y NXP-BFU520Y Datasheet
304Kb / 20P
Dual NPN wideband silicon RF transistor
Rev. 1 ??20 February 2014
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com