Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT110-HR Datasheet (PDF) - Marktech Corporate

MT110-HR Datasheet PDF - Marktech Corporate
Part # MT110-HR
Download  MT110-HR Download
File Size   30.24 Kbytes
Page   1 Pages
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate
Description 3 x 4mm RECTANGULAR LED LAMPS?

MT110-HR Datasheet (PDF)

Go To PDF Page Download Datasheet
MT110-HR Datasheet PDF - Marktech Corporate

Part # MT110-HR
Download  MT110-HR Click to download

File Size   30.24 Kbytes
Page   1 Pages
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate
Description 3 x 4mm RECTANGULAR LED LAMPS?

MT110-HR Datasheet (HTML) - Marktech Corporate


MT110-HR Product details

FEATURES
● All plastic mold type.
● Low drive current.
● High intensity light emission.




Similar Part No. - MT110-HR

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MT1103-RG MARKTECH-MT1103-RG Datasheet
38Kb / 1P
Marktech Standard 5mm Tinted & Colored Diff. LEDs
MT1103-RG-A MARKTECH-MT1103-RG-A Datasheet
173Kb / 3P
Standard LEDs
logo
Jiangsu APT Semiconduct...
MT110C08T1 APTSEMI-MT110C08T1 Datasheet
158Kb / 4P
Thyristor Module
logo
Micro Commercial Compon...
MT110C08T1 MCC-MT110C08T1 Datasheet
545Kb / 5P
Glass passivated chip
logo
Yangzhou yangjie electr...
MT110C08T1 YANGJIE-MT110C08T1 Datasheet
183Kb / 4P
Thyristor Module
More results


Similar Description - MT110-HR

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MT109-R MARKTECH-MT109-R Datasheet
30Kb / 1P
3 x 3mm RECTANGULAR LED LAMPS
logo
Micro Electronics
MGB74D MICRO-ELECTRONICS-MGB74D Datasheet
39Kb / 1P
1.2mm x 3.$4mm RECTANGULAR BAR LED LAMP
logo
LUMEX INC.
SSL-LX1847D4AD LUMEX-SSL-LX1847D4AD Datasheet
51Kb / 1P
1.75mm X 4mm Rectangular Arched LED
SSL-LX1847D4GD LUMEX-SSL-LX1847D4GD Datasheet
53Kb / 1P
1.75mm X 4mm RECTANGULAR ARCHED LED
SSL-LX1847D4ID LUMEX-SSL-LX1847D4ID Datasheet
51Kb / 1P
1.75mm X 4mm RECTANGULAR ARCHED LED
SSL-LX1847D4YD LUMEX-SSL-LX1847D4YD Datasheet
52Kb / 1P
1.75mm X 4mm RECTANGULAR ARCHED LED
SSL-LX2473AD LUMEX-SSL-LX2473AD Datasheet
51Kb / 1P
2mm X 4mm RECTANGULAR 610mm AMBER LED
SSL-LX2473HD LUMEX-SSL-LX2473HD Datasheet
48Kb / 1P
2mm X 4mm RECTANGULAR 700mm RED LED
SSL-LX2473YD LUMEX-SSL-LX2473YD Datasheet
51Kb / 1P
2mm X 4mm RECTANGULAR 565mm YELLOW LED
SSI-LX4673IGW-150 LUMEX-SSI-LX4673IGW-150 Datasheet
107Kb / 1P
4mm X 7mm RECTANGULAR LED
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com