Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT1218-RG Datasheet (PDF) - Marktech Corporate

MT1218-RG Datasheet PDF - Marktech Corporate
Part # MT1218-RG
Download  MT1218-RG Download
File Size   35.57 Kbytes
Page   1 Pages
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate
Description Marktech Standard 5mm White Diff. & Water Clear LEDs

MT1218-RG Datasheet (PDF)

Go To PDF Page Download Datasheet
MT1218-RG Datasheet PDF - Marktech Corporate

Part # MT1218-RG
Download  MT1218-RG Click to download

File Size   35.57 Kbytes
Page   1 Pages
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate
Description Marktech Standard 5mm White Diff. & Water Clear LEDs

MT1218-RG Datasheet (HTML) - Marktech Corporate


MT1218-RG Product details

FEATURES
• Excellent on/off contrasts
• Choice of white diffused or water clear lens
• Other colors/materials available
• Option of standoffs or hard leads
• Can be packaged on tape in a reel or in a box




Similar Part No. - MT1218-RG

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
MT1210 DBLECTRO-MT1210 Datasheet
311Kb / 1P
MT1210 Series
logo
Prokits Industries Co.,...
MT1210 PROSKITINDUSTRIES-MT1210 Datasheet
728Kb / 3P
Telecom & Network Installer to ol kits
MT1210 PROSKITINDUSTRIES-MT1210 Datasheet
670Kb / 2P
Telecom & Network Installer to ol kits
logo
Marktech Corporate
MT121L-HR MARKTECH-MT121L-HR Datasheet
363Kb / 2P
Multi Chip Emitter
MT121L-HR MARKTECH-MT121L-HR Datasheet
363Kb / 2P
Multi Chip Emitter
More results


Similar Description - MT1218-RG

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MT1103-RG MARKTECH-MT1103-RG Datasheet
38Kb / 1P
Marktech Standard 5mm Tinted & Colored Diff. LEDs
MT1133-RG MARKTECH-MT1133-RG Datasheet
38Kb / 1P
Marktech Standard 10mm LEDs
MT2118-GSB MARKTECH-MT2118-GSB Datasheet
32Kb / 1P
Marktech Standard 5mm w/Standoffs
MT4093-HR MARKTECH-MT4093-HR Datasheet
33Kb / 1P
Marktech Low Current 5mm LEDs
MTE2050-OH1 MARKTECH-MTE2050-OH1 Datasheet
56Kb / 2P
5mm Water Clear IR Emitter
MTE8080F MARKTECH-MTE8080F Datasheet
78Kb / 2P
5mm Water Clear Truncated IR Emitter
MT305-SLG MARKTECH-MT305-SLG Datasheet
33Kb / 2P
Marktech Low Current 5mm LEDs
logo
Unity Opto Technology
MVL-514G UOT-MVL-514G Datasheet
41Kb / 3P
Standard water clear plastic lens
logo
IDEA.lnc.
JRC4251 IDEA-JRC4251 Datasheet
24Kb / 1P
Blue & White LEDs, Water Clear LED
JRC4381 IDEA-JRC4381 Datasheet
24Kb / 1P
Small View Angle, Blue & White LEDs, Water Clear LED
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com