Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SA2112 Datasheet (PDF) - ON Semiconductor

2SA2112 Datasheet PDF - ON Semiconductor
Part # 2SA2112
Download  2SA2112 Download
File Size   576.08 Kbytes
Page   7 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Bipolar Transistor -50V, -3A, Low VCE(sat), PNP Single NMP

2SA2112 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SA2112 Datasheet PDF - ON Semiconductor

Part # 2SA2112
Download  2SA2112 Click to download

File Size   576.08 Kbytes
Page   7 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Bipolar Transistor -50V, -3A, Low VCE(sat), PNP Single NMP

2SA2112 Datasheet (HTML) - ON Semiconductor


2SA2112 Product details

Bipolar Transistor
-50V, -3A, Low VCE(sat), PNP Single NMP

Features
• Adoption of MBIT process 
• Large current capacity
• Low collector-to-emitter saturation voltage 
• High-speed switching

Applicaitons
• DC-DC converter, relay drivers, lamp drivers, motor drivers, strobes




Similar Part No. - 2SA2112

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SA2112 SANYO-2SA2112 Datasheet
28Kb / 4P
High Current Switching Applications
2SA2112 SANYO-2SA2112 Datasheet
487Kb / 7P
High Current Switching Applications
2SA2112 SANYO-2SA2112_12 Datasheet
487Kb / 7P
High Current Switching Applications
More results


Similar Description - 2SA2112

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
USS5350 UTC-USS5350 Datasheet
156Kb / 3P
50V,3A PNP LOW VCE(SAT) TRANSISTOR
logo
ON Semiconductor
CPH6123-TL-E ONSEMI-CPH6123-TL-E Datasheet
602Kb / 8P
Bipolar Transistor (.)50V, (.)3A, Low VCE(sat), (PNP)NPN Single CPH6
September, 2013
2SA1770 ONSEMI-2SA1770 Datasheet
609Kb / 7P
Bipolar Transistor (-)160V, (-)1.5A, Low VCE(sat), (PNP)NPN Single NMP
August, 2013
2SA2125 ONSEMI-2SA2125 Datasheet
325Kb / 1P
Bipolar Transistor (-)50V, (-)3A, Low VCE(sat), (PNP)NPN Single PCP
November, 2013
2SA2126 ONSEMI-2SA2126 Datasheet
382Kb / 9P
Bipolar Transistor -50V, -3A, Low VCE(sat), PNP Single TP/TP-FA
September, 2013
2SA2186 ONSEMI-2SA2186 Datasheet
584Kb / 7P
Bipolar Transistor -50V, -2A, Low VCE(sat), PNP Single NMP
September, 2013
2SB1202 ONSEMI-2SB1202 Datasheet
100Kb / 7P
Bipolar Transistor (-)50V, (-)3A, Low VCE(sat) (PNP)NPN Single TP/TP-FA
September, 2013
2SC4482 ONSEMI-2SC4482 Datasheet
580Kb / 6P
Bipolar Transistor 20V, 5A, Low VCE(sat), NPN Single NMP
September, 2013
MCH3105 ONSEMI-MCH3105 Datasheet
409Kb / 7P
Bipolar Transistor (-)50V, (-)3A, Low VCE(sat), (PNP)NPN Single MCPH3
September, 2013
MCH6123 ONSEMI-MCH6123 Datasheet
510Kb / 6P
Bipolar Transistor -50V, -3A, Low VCE(sat), PNP Single MCPH6
September, 2013
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com