Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EN6006A Datasheet (PDF) - ON Semiconductor

EN6006A Datasheet PDF - ON Semiconductor
Part # EN6006A
Download  EN6006A Download
File Size   588.84 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Bipolar Transistor -30V, -2A, Low VCE(sat), PNP Single CPH3

EN6006A Datasheet (PDF)

Go To PDF Page Download Datasheet
EN6006A Datasheet PDF - ON Semiconductor

Part # EN6006A
Download  EN6006A Click to download

File Size   588.84 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Bipolar Transistor -30V, -2A, Low VCE(sat), PNP Single CPH3

EN6006A Datasheet (HTML) - ON Semiconductor


EN6006A Product details

Features
• Adoption of FBET and MBIT processes
• Large current capacity
• Low collector-to-emitter saturation voltage
• High-speed switching
• Ultrasmall-sized package permitting applied sets to be made small and slim
• High allowable power dissipation

Applications
• Relay drivers, lamp drivers, motor drivers, flash




Similar Part No. - EN6006A

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
EN60065 FUJITSU-EN60065 Datasheet
333Kb / 7P
POWER RELAY 2 POLE - 5A - 1.5mm contact gap
More results


Similar Description - EN6006A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
50A02CH ONSEMI-50A02CH Datasheet
589Kb / 7P
Bipolar Transistor ??0V, ??.5A, Low VCE(sat) PNP Single CPH3
August, 2013
2SA2124 ONSEMI-2SA2124 Datasheet
321Kb / 7P
Bipolar Transistor -30V, -2A, Low VCE(sat), PNP Single PCP
September, 2013
12A02CH ONSEMI-12A02CH Datasheet
583Kb / 6P
Bipolar Transistor -12V, -1A, Low VCE(sat) PNP Single CPH3
August, 2013
CPH3106 ONSEMI-CPH3106 Datasheet
587Kb / 7P
Bipolar Transistor -12V, -3A, Low VCE(sat), PNP Single CPH3
September, 2013
CPH3107 ONSEMI-CPH3107 Datasheet
581Kb / 6P
Bipolar Transistor -15V, -6A, Low VCE(sat), PNP Single CPH3
September, 2013
CPH3114 ONSEMI-CPH3114 Datasheet
583Kb / 6P
Bipolar Transistor -15V, -1.5A, Low VCE(sat), PNP Single CPH3
September, 2013
CPH3115 ONSEMI-CPH3115 Datasheet
634Kb / 7P
Bipolar Transistor (-)30V, (-)1.5A, Low VCE(sat), (PNP)NPN Single CPH3
September, 2013
CPH3116 ONSEMI-CPH3116 Datasheet
631Kb / 7P
Bipolar Transistor (-)50V, (-)1A, Low VCE(sat), (PNP)NPN Single CPH3
September, 2013
CPH3144 ONSEMI-CPH3144 Datasheet
579Kb / 6P
Bipolar Transistor -30V, -2A, Low VCE(sat), PNP Single CPH3
September, 2013
MCH3144 ONSEMI-MCH3144 Datasheet
365Kb / 6P
Bipolar Transistor -30V, -2A, Low VCE(sat), PNP Single MCPH3
September, 2013
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com