| Manufacturer | Part # | Datasheet | Description |
 NXP Semiconductors |
PBSS5350SS
|
100Kb / 14P |
50 V, 2.7 A PNP/PNP low VCEsat (BISS) transistor
Rev. 01 - 3 April 2007 |
|
PBSS4032PD
|
190Kb / 14P |
30 V, 2.7 A PNP low VCEsat (BISS) transistor
Rev. 01-27 January 2010 |
|
PBSS4041PT
|
191Kb / 15P |
60 V, 2.7 A PNP low VCEsat (BISS) transistor
Rev. 02-9 March 2010 |
|
PBSS9410PA
|
175Kb / 15P |
100 V, 2.7 A PNP low VCEsat (BISS) transistor
Rev. 01-11 May 2010 |
|
PBSS5350SS
|
108Kb / 14P |
50 V, 2.7 A PNP/PNP low VCEsat (BISS) transistor
Rev. 01-3 April 2007 |
 Nexperia B.V. All right... |
PBSS9410PA
|
290Kb / 16P |
100 V, 2.7 A PNP low VCEsat (BISS) transistor
|
|
PBSS4041PT
|
304Kb / 16P |
60 V, 2.7 A PNP low VCEsat (BISS) transistor
Rev. 02 - 9 March 2010 |
|
PBSS4350SPN
|
730Kb / 19P |
50 V, 2.7 A NPN/PNP low VCEsat (BISS) transistor
Rev. 01 - 5 April 2007 |
|
PBSS4350SS
|
696Kb / 14P |
50 V, 2.7 A NPN/NPN low VCEsat (BISS) transistor
Rev. 01 - 3 April 2007 |
|
PBSS5350SS
|
701Kb / 14P |
50 V, 2.7 A PNP/PNP low VCEsat (BISS) transistor
Rev. 01 - 3 April 2007 |